Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP5002 Datasheet(PDF) 1 Page - RFE international

Part # MP5002
Description  BRIDGE RECTIFIERS 35 to 50 Amps
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

MP5002 Datasheet(HTML) 1 Page - RFE international

  MP5002 Datasheet HTML 1Page - RFE international MP5002 Datasheet HTML 2Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BRIDGE RECTIFIERS
35 to 50 Amps
RFE International • Tel:(949) 833-1988 • Fax:(949) 833-1788 • E-Mail Sales@rfeinc.com
RoHS
ü
µ
Peak Repetitive
Reverse Voltage
Max Avg
Rectified
Current
Max. Peak
Fwd Surge
Current
Max Reverse
Current
VRRM
IO
IFSM
IR@VR
V
A
A
V
A
A
KBPC35005
50
35.0
400
1.0
17.5
10
KBPC3501
100
35.0
400
1.0
17.5
10
KBPC3502
200
35.0
400
1.0
17.5
10
KBPC3504
400
35.0
400
1.0
17.5
10
KBPC3506
600
35.0
400
1.0
17.5
10
KBPC3508
800
35.0
400
1.0
17.5
10
KBPC3510
1000
35.0
400
1.0
17.5
10
KBPC35005W
50
35.0
400
1.0
17.5
10
KBPC3501W
100
35.0
400
1.0
17.5
10
KBPC3502W
200
35.0
400
1.0
17.5
10
KBPC3504W
400
35.0
400
1.0
17.5
10
KBPC3506W
600
35.0
400
1.0
17.5
10
KBPC3508W
800
35.0
400
1.0
17.5
10
KBPC3510W
1000
35.0
400
1.0
17.5
10
MP35005
50
35.0
400
1.0
17.5
10
MP3501
100
35.0
400
1.0
17.5
10
MP3502
200
35.0
400
1.0
17.5
10
MP3504
400
35.0
400
1.0
17.5
10
MP3506
600
35.0
400
1.0
17.5
10
MP3508
800
35.0
400
1.0
17.5
10
MP3510
1000
35.0
400
1.0
17.5
10
MP35005W
50
35.0
400
1.0
17.5
10
MP3501W
100
35.0
400
1.0
17.5
10
MP3502W
200
35.0
400
1.0
17.5
10
MP3504W
400
35.0
400
1.0
17.5
10
MP3506W
600
35.0
400
1.0
17.5
10
MP3508W
800
35.0
400
1.0
17.5
10
MP3510W
1000
35.0
400
1.0
17.5
10
MP35005S
50
35.0
400
1.0
17.5
10
MP3501S
100
35.0
400
1.0
17.5
10
MP3502S
200
35.0
400
1.0
17.5
10
MP3504S
400
35.0
400
1.0
17.5
10
MP3506S
600
35.0
400
1.0
17.5
10
MP3508S
800
35.0
400
1.0
17.5
10
MP3510S
1000
35.0
400
1.0
17.5
10
MP40005S
50
40.0
400
1.0
20.0
10
MP4001S
100
40.0
400
1.0
20.0
10
MP4002S
200
40.0
400
1.0
20.0
10
MP4004S
400
40.0
400
1.0
20.0
10
MP4006S
600
40.0
400
1.0
20.0
10
MP4008S
800
40.0
400
1.0
20.0
10
MP4010S
1000
40.0
400
1.0
20.0
10
KBPC50005
50
50.0
500
1.0
25.0
10
KBPC5001
100
50.0
500
1.0
25.0
10
KBPC5002
200
50.0
500
1.0
25.0
10
KBPC5004
400
50.0
500
1.0
25.0
10
KBPC5006
600
50.0
500
1.0
25.0
10
KBPC5008
800
50.0
500
1.0
25.0
10
KBPC5010
1000
50.0
500
1.0
25.0
10
40.0 AMP Single-Phase Bridge Rectifiers
MPS
RFE Part
Number
Forward
Voltage
Drop
Package
Outline
(Typical Size in inches)
VF@IF
35.0 AMP Single-Phase Bridge Rectifiers
KBPC
KBPCW
MP
MPW
MPS
50.0 AMP Single-Phase Bridge Rectifiers
KBPC
KBPCW
MP
MPW
MPS
KBPC
MPS
KBPC
C3D04S
REV 2009.12.21


Similar Part No. - MP5002

ManufacturerPart #DatasheetDescription
logo
CHENG-YI ELECTRONIC CO....
MP5002 CHENG-YI-MP5002 Datasheet
147Kb / 2P
SINGLE-PHASE SILICON BRIDGE
logo
Monolithic Power System...
MP5002 MPS-MP5002 Datasheet
392Kb / 12P
3.3V, 1A-3A Programmable Current Limit Switch
MP5002DQ MPS-MP5002DQ Datasheet
392Kb / 12P
3.3V, 1A-3A Programmable Current Limit Switch
logo
CHENG-YI ELECTRONIC CO....
MP5002S CHENG-YI-MP5002S Datasheet
148Kb / 2P
40,50S IN-LINE BRIDGE RECTIFIER
More results

Similar Description - MP5002

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
KBPC-BR15 YANGJIE-KBPC-BR15 Datasheet
923Kb / 2P
SINGLE PHASE15/25/35/50 AMPS. SILICON BRIDGE RECTIFIERS
KBPC15 YANGJIE-KBPC15 Datasheet
923Kb / 2P
SINGLE PHASE15/25/35/50 AMPS. SILICON BRIDGE RECTIFIERS
logo
Edal Industries, Inc.
BR800 EDAL-BR800 Datasheet
68Kb / 1P
Silicon Bridge Rectifiers 8 Amps to 10 Amps
BR5000 EDAL-BR5000 Datasheet
78Kb / 1P
Silicon Bridge Rectifiers 50 Amps
logo
CHENG-YI ELECTRONIC CO....
MP15 CHENG-YI-MP15 Datasheet
156Kb / 2P
15/25/35 AMPS. SILICON BRIDGE RECTIFIERS
MP15S CHENG-YI-MP15S Datasheet
159Kb / 2P
15/25/35 AMPS. SILICON BRIDGE RECTIFIERS
MP15CT CHENG-YI-MP15CT Datasheet
154Kb / 2P
15/25/35 AMPS. SILICON BRIDGE RECTIFIERS
MP15CW CHENG-YI-MP15CW Datasheet
130Kb / 2P
15/25/35 AMPS. SILICON BRIDGE RECTIFIERS
logo
First Components Intern...
KBPC3500 FCI-KBPC3500 Datasheet
293Kb / 3P
35 Amps plastic Case Silicon Bridge Rectifiers
logo
Kingtronics Internation...
KBPC35005-KBPC3510 KINGTRONICS-KBPC35005-KBPC3510 Datasheet
424Kb / 2P
High Current 35 AMPS. Single Phase Glass Passivated Bridge Rectifiers Voltage Range 50 to 1000 Volts Current 35 Amperes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com