Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS113 Datasheet(PDF) 1 Page - RFE international

Part # SS113
Description  TEMPERATURE COMPENSATING THERMISTORS SS Series: Probes
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

SS113 Datasheet(HTML) 1 Page - RFE international

  SS113 Datasheet HTML 1Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
RFE International • Tel:(949) 833-1988 • Fax:(949) 833-1788 • E-Mail Sales@rfeinc.com
FEATURES
TEMPERATURE COMPENSATING THERMISTORS
SS Series: Probes
C6A05
REV 2004.11.15
High stability, HighAccuracy, and High Reliability
Resistance Values from 1KW to 200KW ± 1~5%
B-Constant 25/85 from 3000 to 4500 ± 1~3%
•
•
•
The Roman Numerals listed above are only used to differentiate dimensions.
Connectors are optional. (*1)
Sensor and Wire Length can be customized.
*
*
*
CHARACTERISTICS
Surface Temperature Sensor
Operating Temp. Range
Approx. 17 sec. (Thermal bath)
Dissipation Constant
Response Time
-40 to +125°C
Approx. 2.5 mW/°C (Still air)
Approx. 17 sec. (Thermal bath)
-40 to +125°C
Approx. 2.5 mW/°C (Still air)
Surface Temperature Sensor
Operating Temp. Range
Dissipation Constant
Response Time
Surface Temperature Sensor
Operating Temp. Range
Dissipation Constant
Response Time
Surface Temperature Sensor
Operating Temp. Range
Dissipation Constant
Response Time
Approx. 17 sec. (Thermal bath)
-40 to +125°C
Approx. 2.3 mW/°C (Still air)
Approx. 17 sec. (Thermal bath)
-30 to +125°C
Approx. 2.5 mW/°C (Still air)
Approx. 12 sec. (Thermal bath)
-20 to +180°C
Approx. 3 mW/°C (Still air)
Home Baker Sensor
Operating Temp. Range
Dissipation Constant
Response Time
Microwave Oven Sensor
Operating Temp. Range
Dissipation Constant
Response Time
Approx. 80 sec. (Thermal bath)
-20 to +260°C
Approx. 4 mW/°C (Still air)
SS113
II*
SS113
III*
SS113
IV*
SS601
SS101
Operating Temp. Range
Dissipation Constant
Response Time
Operating Temp. Range
Dissipation Constant
Response Time
Operating Temp. Range
Dissipation Constant
Response Time
Heat Exchanger / Air Conditioner Sensor
Heat Exchanger / Air Conditioner Sensor
Heat Exchanger / Air Conditioner Sensor
Approx. 26 sec. (Thermal bath)
-40 to +105°C
Approx. 2.3 mW/°C (Still air)
Approx. 34 sec. (Thermal bath)
-40 to +105°C
Approx. 2.5 mW/°C (Still air)
Approx. 40 sec. (Thermal bath)
-40 to +105°C
Approx. 2.5 mW/°C (Still air)
Operating Temp. Range
Dissipation Constant
Response Time
Refrigerator Sensor
Operating Temp. Range
Dissipation Constant
Response Time
Hot Water Heater Temperature Sensor / Quick Temperature Response
SS123
SS123
SS113
I*
I*
II*
SS123
III*
SS143
SS1A3
SS1C3
Operating Temp. Range
Dissipation Constant
Response Time
Heater / Piping Temperature Sensor
Approx. 40 sec. (Thermal bath)
-40 to +100°C
Approx. 2.5 mW/°C (Still air)
Approx. 0.8 sec. (Thermal bath)
-40 to +125°C
Approx. 4 mW/°C (Still air)
Approx. 16 sec. (Thermal bath)
-40 to +200°C
Approx. 3 mW/°C (Still air)
Ni Plated
Epoxy Resin
PVC/Teflone Wire
AWG28-24
Connector
19
8
f
f3.6
Brass
18.8
8
4.3
f
Epoxy Resin
PVC/Teflone Wire
AWG26-24
Connector
Connector
PVC/Teflone Wire
AWG26-24
Epoxy Resin
Brass
5.3
f
8
8
21.5
4.3
f
Epoxy Resin
Tin Plated
Copper
PVC/Teflone Wire
AWG26-24
Connector
Teflon Tube
Clip
Thermistor
Teflon Wire
Thermistor
f 4
Protecting Tube (SUS)
Heat Resisting Tube (Silicone Rubber)
Wires (Glass Wool)
Brass Pipe
(Ni Plated)
f 4
25±0.5
PVC Wire
AWG28
Connector
Connector
Connector
PVC Wire
AWG26
PVC Wire
AWG26
Brass Pipe
(Ni Plated)
Brass Pipe
(Ni Plated)
25±0.5
25±0.5
f 5
f 6
25±0.5
25±0.5
ABS Pipe
PVC Wire
AWG26-22
f 6.8
Connector
Connector
PVC TefloneWire
AWG28-26
Stainless
Steel Pipe
Flexible
Epoxy Resin
Brass Screw
Silicon
Resin
M6
8
13
7
Connector
PVC TefloneWire
AWG28-26
18.8


Similar Part No. - SS113

ManufacturerPart #DatasheetDescription
logo
SEC Electronics Inc.
SS1139 SECELECTRONICS-SS1139 Datasheet
261Kb / 6P
Unipolar Hall-Effect Digital Switch
SS1139ESPT SECELECTRONICS-SS1139ESPT Datasheet
261Kb / 6P
Unipolar Hall-Effect Digital Switch
SS1139KSPT SECELECTRONICS-SS1139KSPT Datasheet
261Kb / 6P
Unipolar Hall-Effect Digital Switch
SS1139LSPT SECELECTRONICS-SS1139LSPT Datasheet
261Kb / 6P
Unipolar Hall-Effect Digital Switch
logo
Honeywell Solid State E...
SS113A HONEYWELL-SS113A Datasheet
222Kb / 3P
Surface Mount Digital Position Sensors
More results

Similar Description - SS113

ManufacturerPart #DatasheetDescription
logo
RFE international
FT003-202 RFE-FT003-202 Datasheet
56Kb / 1P
TEMPERATURE COMPENSATING THERMISTORS FT Series: Coated Leaded Chip Type
SS130 RFE-SS130 Datasheet
68Kb / 1P
TEMPERATURE COMPENSATING THERMISTORS SS Series: Probes (Epoxy Coated)
ST16-502 RFE-ST16-502 Datasheet
216Kb / 1P
TEMPERATURE COMPENSATING THERMISTORS ST Series: Surface Mount
TC005-3R0 RFE-TC005-3R0 Datasheet
136Kb / 3P
TEMPERATURE COMPENSATING THERMISTORS TC Series: Radial Leaded
logo
Extech Instruments Corp...
409997 EXTECH-409997 Datasheet
180Kb / 1P
Temperature Probes
872502 EXTECH-872502 Datasheet
180Kb / 1P
Temperature Probes
881616 EXTECH-881616 Datasheet
180Kb / 1P
Temperature Probes
TP870 EXTECH-TP870_15 Datasheet
180Kb / 1P
Temperature Probes
TP873 EXTECH-TP873 Datasheet
180Kb / 1P
Temperature Probes
logo
Amphenol Corporation
HTP60 AMPHENOL-HTP60 Datasheet
54Kb / 4P
High Temperature Probes
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com