Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS130 Datasheet(PDF) 1 Page - RFE international

Part # SS130
Description  TEMPERATURE COMPENSATING THERMISTORS SS Series: Probes (Epoxy Coated)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

SS130 Datasheet(HTML) 1 Page - RFE international

  SS130 Datasheet HTML 1Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
FEATURES
TEMPERATURE COMPENSATING THERMISTORS
SS Series: Probes (Epoxy Coated)
C6A06
REV 2004.11.15
High stability, HighAccuracy, and High Reliability
Resistance Values from 1KW to 200KW ± 1~5%
B-Constant 25/85 from 3000 to 4500 ± 1~3%
•
•
•
Thermometer Sensor
Battery Charger Sensor
Air Conditioner Sensor / Quick Temp. Response
Air Conditioner Sensor
Air Conditioner Sensor
Operating Temp. Range
Dissipation Constant
Response Time
Operating Temp. Range
Dissipation Constant
Response Time
Operating Temp. Range
Dissipation Constant
Response Time
Operating Temp. Range
Dissipation Constant
Response Time
Operating Temp. Range
Dissipation Constant
Response Time
Approx. 0.8 sec. (Thermal bath)
-40 to +100°C
Approx. 0.7 mW/°C (Still air)
Approx. 5 sec. (Thermal bath)
-40 to +100°C
Approx. 1.3 mW/°C (Still air)
Approx. 8 sec. (Thermal bath)
-30 to +100°C
Approx. 2.3 mW/°C (Still air)
Approx. 12 sec. (Thermal bath)
-30 to +100°C
Approx. 2.5 mW/°C (Still air)
Approx. 12 sec. (Thermal bath)
-30 to +100°C
Approx. 2.5 mW/°C (Still air)
SS130
SS133
SS133
SS133
SS17A
I *
II *
III *
The Roman Numeral listed above are only used to differentiate dimensions.
Senor and Wire Length can be customized.
Connectors are optional. (*1)
*
*
*
CHARACTERISTICS
Epoxy
Coated
Polyurethane
Enameled
Connector
4 max.
87±1
Connector
Connector
Connector
Epoxy
Coated
Epoxy
Coated
Epoxy
Coated
4.5±1.5
15±2
17±3
PVC Wire
AWG 30
PVC Wire
AWG 28
PVC Wire
AWG 26-22
8.0±3
RFE International • Tel:(949) 833-1988 • Fax:(949) 833-1788 • E-Mail Sales@rfeinc.com


Similar Part No. - SS130

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
SS130 FCI-SS130 Datasheet
111Kb / 2P
1.0 Amp SCHOTTKY BARRIER RECTIFIERS Outline Free Pb
logo
Apacer Technology Inc.
SS130-25 APACER-SS130-25 Datasheet
1Mb / 4P
(2.5inch) Embedded Solid State Drive
logo
Samtec, Inc
SS130-G-1A SAMTEC-SS130-G-1A Datasheet
1Mb / 1P
PRECISION MACHINED SOCKET STRIPS
SS130-G-1B SAMTEC-SS130-G-1B Datasheet
1Mb / 1P
PRECISION MACHINED SOCKET STRIPS
SS130-G-1C SAMTEC-SS130-G-1C Datasheet
1Mb / 1P
PRECISION MACHINED SOCKET STRIPS
More results

Similar Description - SS130

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RL0703-624-73-MS ETC2-RL0703-624-73-MS Datasheet
113Kb / 1P
EPOXY COATED THERMISTOR
logo
RCD COMPONENTS INC.
AL05Y-R10-KBW RCD-AL05Y-R10-KBW Datasheet
62Kb / 1P
EPOXY COATED INDUCTORS
logo
RFE international
FT003-202 RFE-FT003-202 Datasheet
56Kb / 1P
TEMPERATURE COMPENSATING THERMISTORS FT Series: Coated Leaded Chip Type
SS113 RFE-SS113 Datasheet
88Kb / 1P
TEMPERATURE COMPENSATING THERMISTORS SS Series: Probes
ST16-502 RFE-ST16-502 Datasheet
216Kb / 1P
TEMPERATURE COMPENSATING THERMISTORS ST Series: Surface Mount
TC005-3R0 RFE-TC005-3R0 Datasheet
136Kb / 3P
TEMPERATURE COMPENSATING THERMISTORS TC Series: Radial Leaded
logo
Extech Instruments Corp...
409997 EXTECH-409997 Datasheet
180Kb / 1P
Temperature Probes
872502 EXTECH-872502 Datasheet
180Kb / 1P
Temperature Probes
TP870 EXTECH-TP870_15 Datasheet
180Kb / 1P
Temperature Probes
TP873 EXTECH-TP873 Datasheet
180Kb / 1P
Temperature Probes
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com