Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

97-68340 Datasheet(PDF) 1 Page - Aries Electronics, Inc.

Part # 97-68340
Description  144-Pin QFP-to-PGA Adapter
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARIES [Aries Electronics, Inc.]
Direct Link  http://www.arieselec.com
Logo ARIES - Aries Electronics, Inc.

97-68340 Datasheet(HTML) 1 Page - Aries Electronics, Inc.

  97-68340 Datasheet HTML 1Page - Aries Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Bristol, PA 19007-6810 USA
TEL (215) 781-9956 • FAX (215) 781-9845
PRINTOUTS OF THIS DOCUMENT MAY BE OUT OF DATE AND SHOULD BE CONSIDERED UNCONTROLLED
• INFO@ARIESELEC.COM
WWW.ARIESELEC.COM
FEATURES
• Convert surface mount QFP packages to a 15x15 PGA footprint
• Reduce costs by using less expensive QFP packages to replace PGA footprints in
existing designs
• Pins are mechanically fastened and soldered to board using Aries’ patented process,
creating a reliable electrical connection and rugged contact
• Consult factory for panelized form or for mounting of consigned chips
GENERAL SPECIFICATIONS
• ADAPTER BODY: FR-4, 0.062 [1.58] thick, with 1-oz. min. Cu traces
• PADS: bare Cu protected with ENIG or immersion white Sn to eliminate copla-
narity concerns and solder bridges associated with hot air solder leveling
• PINS: Brass 360 1/2-hard per UNS C36000 ASTM-B16-00
• PIN PLATING: 200μ [5.08μ] min. Sn per ASTM B 545 Type 1 or Sn/Pb 93/7 per
ASTM B 545 over 100μ [2.54μ] Ni per SAE AMS-QQ-N-290
• OPERATING TEMPERATURE: 221°F [105°C]
MOUNTING CONSIDERATIONS
• SUGGESTED PCB HOLE SIZE: 0.062 ±0.003 [1.58 ±0.08] dia.
• Will plug into standard PGA sockets
18025
Rev. AA
P/N 97-68340 for Motorola 68340
144-Pin QFP-to-PGA Adapter
ORDERING INFORMATION
P/N 97-68340
P/N 97-68340-P for Panelized Form
P/N 145-PGM15024-30 for Wire Wrap PGA
Socket
CUSTOMIZATION: In addition to the standard products shown
on this page, Aries specializes in custom design and production.
Special materials, platings, sizes, and configurations can be
furnished, depending on the quantity.
NOTE: Aries reserves the
right to change product general specifications without notice.
ALL DIMENSIONS: INCHES [MILLIMETERS]
ALL TOLERANCES: ±0.005 [0.13] UNLESS OTHERWISE SPECIFIED
ROW-TO-ROW ±0.003 [±0.08]
PIN-TO-PIN ±0.003 [±0.08] NON-CUMULATIVE
CONSULT FACTORY FOR OTHER SIZES AND CONFIGURATIONS


Similar Part No. - 97-68340

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
97-603 ETC-97-603 Datasheet
270Kb / 10P
Slot Mount Series
1994
logo
Laird Tech Smart Techno...
97-603 LSTD-97-603 Datasheet
5Mb / 64P
BERYLLIUM COPPER SOLUTIONS AND BEYOND.
logo
List of Unclassifed Man...
97-604 ETC-97-604 Datasheet
270Kb / 10P
Slot Mount Series
1994
logo
Laird Tech Smart Techno...
97-604 LSTD-97-604 Datasheet
5Mb / 64P
BERYLLIUM COPPER SOLUTIONS AND BEYOND.
logo
List of Unclassifed Man...
97-604-02 ETC-97-604-02 Datasheet
270Kb / 10P
Slot Mount Series
1994
More results

Similar Description - 97-68340

ManufacturerPart #DatasheetDescription
logo
Aries Electronics, Inc.
96-160M65 ARIES-96-160M65 Datasheet
389Kb / 1P
QFP-to-PGA Adapter
95-132I25 ARIES-95-132I25 Datasheet
880Kb / 1P
QFP-to-PGA Adapter 0.025 [0.64] Pitch
97-56001 ARIES-97-56001 Datasheet
491Kb / 1P
QFP-to-PGA Adapter
96-208M50 ARIES-96-208M50 Datasheet
875Kb / 1P
QFP-to-PGA EIAJ 208-Position, 0.0197 [0.50] Pitch Adapter
1110087 ARIES-1110087 Datasheet
855Kb / 1P
144-Pin VQFP-to-PGA Adapter
44-305263-20-P ARIES-44-305263-20-P Datasheet
472Kb / 1P
44-Pin 0.8mm QFP-to-44-Pin PLCC Adapter
18021 ARIES-18021 Datasheet
554Kb / 1P
P/N 97-56001 Motorola DSP56000/001 QFP-to-PGA Adapter
18025 ARIES-18025 Datasheet
580Kb / 1P
P/N 97-68340 for Motorola 68340 144-Pin QFP-to-PGA Adapter
18040 ARIES-18040 Datasheet
924Kb / 1P
P/N 1110087 144-Pin VQFP-to-PGA Adapter
18081 ARIES-18081 Datasheet
572Kb / 1P
44-Pin 0.8mm QFP-to-44-Pin PLCC Adapter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com