Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC005-192 Datasheet(PDF) 1 Page - RFE international

Part # TC005-192
Description  TEMPERATURE COMPENSATING THERMISTORS TC Series: Radial Leaded
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

TC005-192 Datasheet(HTML) 1 Page - RFE international

  TC005-192 Datasheet HTML 1Page - RFE international TC005-192 Datasheet HTML 2Page - RFE international TC005-192 Datasheet HTML 3Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FEATURE
TEMPERATURE COMPENSATING THERMISTORS
TC Series: Radial Leaded
Temperature Compensating Thermistors are
suitable for many applications where
Temperature Protection or a Control Circuit is used.
TEMPERATURE (¢J
)
CHARACTERISTIC CURVES
D
max
T
max
P
±0.5
d
nom
6.5
5
3.5
0.5
* All sizes in mm
D
T
d
P
C6A03
REV 2004.11.15
V-I CHARACTERISTIC CURVE
100000
0.2
0.1
0.5
1
2
5
10
20
50
100
CURRENT (mA)
1
2
5
10
20
50
100
200
500
1000
2000
5000 10000 20000 50000
0.
05
W
0.
1W
0.
2W
2M
W
1M
W
50
0K
W
0.
5W
1W
2W
10
0K
W
50
KW
5W
20
0K
W
10
W
20
KW
20
W
10
KW
50
W
5K
W
2K
W
1K
W
50
0W
20
0W
10
0W
TC
005
- 1
51
TC
00
5 -
10
1
TC
00
5 -
85
0
TC
00
5 -
55
0
TC
00
5 -
45
0
TC
00
5 -
15
0
TC
00
5 -
10
0
TC
00
5 -
5R
0
TC
00
5 -
3R
0
R-T CHARACTERISTIC CURVE
0.1
1
10
100
1000
10000
-30 -20 -10
0
10
20 30
40
50 60 70
80
90 100 110 120 130 140 150
RESISTANCE - TEMPERATURE
CURVE OF TC SERIES
TC
00
5 -
15
1
TC
00
5 -
10
1
TC
00
5 -
85
0
TC
00
5 -
55
0
TC
00
5 -
45
0
TC
00
5 -
15
0
TC
00
5 - 10
0
TC
00
5 - 5R
0
TC
00
5 - 3R
0
RFE International • Tel:(949) 833-1988 • Fax:(949) 833-1788 • E-Mail Sales@rfeinc.com


Similar Part No. - TC005-192

ManufacturerPart #DatasheetDescription
logo
RFE international
TC003-202J-3950J RFE-TC003-202J-3950J Datasheet
56Kb / 1P
TEMPERATURE COMPENSATING THERMISTORS FT Series: Coated Leaded Chip Type
logo
SHENZHEN FUMAN ELECTRON...
TC0031 FUMAN-TC0031 Datasheet
175Kb / 4P
2W audio power amplifier IC
logo
Allen-Bradley
TC006 ALLEN-BRADLEY-TC006 Datasheet
11Mb / 114P
IEC Contactor Specifications
2021
More results

Similar Description - TC005-192

ManufacturerPart #DatasheetDescription
logo
RFE international
FT003-202 RFE-FT003-202 Datasheet
56Kb / 1P
TEMPERATURE COMPENSATING THERMISTORS FT Series: Coated Leaded Chip Type
SS113 RFE-SS113 Datasheet
88Kb / 1P
TEMPERATURE COMPENSATING THERMISTORS SS Series: Probes
ST16-502 RFE-ST16-502 Datasheet
216Kb / 1P
TEMPERATURE COMPENSATING THERMISTORS ST Series: Surface Mount
logo
Vishay Siliconix
NTCLE100E3103HB0 VISHAY-NTCLE100E3103HB0 Datasheet
196Kb / 17P
NTC Thermistors, Radial Leaded, Standard Precision
24-Aug-12
NTCLE203E3103FB0 VISHAY-NTCLE203E3103FB0 Datasheet
107Kb / 9P
NTC Thermistors, Radial Leaded, Accuracy Line
18-May-11
NTCLE100E3223JB0 VISHAY-NTCLE100E3223JB0 Datasheet
196Kb / 17P
NTC Thermistors, Radial Leaded, Standard Precision
24-Aug-12
PTCSL03 VISHAY-PTCSL03 Datasheet
125Kb / 4P
PTC Thermistors, Mini Radial Leaded for Over-Temperature Protection
02-Mar-16
PTCSL20 VISHAY-PTCSL20 Datasheet
91Kb / 4P
PTC Thermistors, Mini Radial Leaded for Over-Temperature Protection
04-Dec-15
PTCSL VISHAY-PTCSL Datasheet
109Kb / 5P
PTC Thermistors, Mini Radial Leaded for Over-Temperature Protection
08-Jun-09
PTCSL03 VISHAY-PTCSL03_V01 Datasheet
87Kb / 4P
PTC Thermistors, Mini Radial Leaded for Over-Temperature Protection
21-Sep-2021
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com