Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BVM-SF5C01 Datasheet(PDF) 5 Page - Bright View Electronic Co., LTD.

Part # BVM-SF5C01
Description  FLEXSTRIP LIGHT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BVLED [Bright View Electronic Co., LTD.]
Direct Link  http://www.bvled.com.tw
Logo BVLED - Bright View Electronic Co., LTD.

BVM-SF5C01 Datasheet(HTML) 5 Page - Bright View Electronic Co., LTD.

  BVM-SF5C01 Datasheet HTML 1Page - Bright View Electronic Co., LTD. BVM-SF5C01 Datasheet HTML 2Page - Bright View Electronic Co., LTD. BVM-SF5C01 Datasheet HTML 3Page - Bright View Electronic Co., LTD. BVM-SF5C01 Datasheet HTML 4Page - Bright View Electronic Co., LTD. BVM-SF5C01 Datasheet HTML 5Page - Bright View Electronic Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
■ CAUTIONS
1. Solder connection should only be performed on designated solder pads(marked +/-).
During soldering, do not execeed the maximum soldering time of 10 seconds
and the maximum soldering temperature of 260℃.
2. Correct electrical polarity needs to be observed. Wrong polarity may destroy the LED module.
3. When using power supply the following basic safety features are required, in additional
to any other specific application concerns and local safety codes:
overload protection
short circuit protection
over heat protection
correct output voltage, including consideration for ripple and spikes
4. Make ensure that the power supply is of adequate power to operate the total load.
5. When mounting on metallic surface, there needs to be a electrical isolation between module and
the mounting surface.
6.Customer's desired lengths of minimum 125mm and its multiple can be made by breaking
at the cutting mark of the LED strip.
7.This product is not waterproof and precaution should be taken to keep from exposure to moisture.
8.The FPC (No. BVM-SP5 Series) can be operated at maximum length of 8 meter.
9.Pay attention to standard ESD precautions when installing the LED module.
BVM-SF5C01 SERIES
FLEXSTRIP LIGHT
Bright View Electronics
Date:2008/09/22
Page :5 of 5
Version-A



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com