Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BATMOD Datasheet(PDF) 2 Page - Vicor Corporation

Part # BATMOD
Description  Battery Charger Current Source Modules
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

BATMOD Datasheet(HTML) 2 Page - Vicor Corporation

  BATMOD Datasheet HTML 1Page - Vicor Corporation BATMOD Datasheet HTML 2Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Vicor Corp. Tel: 800-735-6200, 978-470-2900 Fax: 978-475-6715
BatMod Battery Charger Current Source Modules
Rev. 1.5
Page 2 of 3
Set your site on VICOR at www.vicorpower.com
2
4
6
8
10
12
14
16
2
4
6
8 10 12 14 16
Safe Operating Area
High Program
Exceeded
Amps
4
8
12
16
20
24
28
32
1
2
3
4
56
7
8
Safe Operating Area
High Program
Exceeded
Amps
8
16
24
32
40
48
56
64
0.5 1
1.5 2 2.5 3 3.5
4
Safe Operating Area
High Program
Exceeded
Current
Exceeded
Amps
36
72
18
12 V Battery System
24 V Battery System
48 V Battery System
13.8 V
27.6 V
55.2 V
Power
Exceeded
Power
Exceeded
Power
Exceeded
16.5 V
14.5 A
33.0 V
7.25 A
3.6 A
66.0 V
11.25 V
22.5 V
45.0 V
6.9 V*
13.8 V*
27.6 V*
*Maximum recommended battery discharge.
Maximum
Voltage
Setpoint
Minimum
Voltage
Setpoint
Minimum
Operating
Voltage
Current
Exceeded
Maximum
Voltage
Setpoint
Minimum
Voltage
Setpoint
Minimum
Operating
Voltage
Current
Exceeded
Maximum
Voltage
Setpoint
Minimum
Voltage
Setpoint
Minimum
Operating
Voltage
Safe Operating Conditions
+.030 (0,76)
-.000 (0)
Product ID
this surface
FULL R
5
6
7
8
9
4
3
2
1
Pin #
1
2
3
4
5
6*
7*
8*
9
Function
+In
Gate In
Gate Out
-In
+Out
VTRIM
ITRIM
IMON
-Out
* Do not connect on booster modules
Aluminum Base
.01
0.040 (1,0) Dia (7) places
Solder plate over copper alloy
0.080 (2,0) Dia (2) places
Standard
Solder plate over copper alloy
.30±.015
(7,6)±(0,38)
1.80
(45,7)
4.20
(12,7)
.22
(5,6) MIN
.12
(116,8)
(61,0)
(44,5)
(7,6) Min
.15
(3,8)
2.10
(53,3)
.40
(10,2)
.35±.015
(8,9)±(0,38)
1.40
(35,6)
1.00
(25,4)
.70
(17,8)
(91,4)
.50
(12,7)
BatMod
4.60
3.60
.15
(3,8)
(106,7)
(3,0)
.50
.30
2.40
1.75
0.080 (2,0) Dia (2) places
RoHS
Matte tin over copper alloy
Standard
0.040 (1,0) Dia (7) places
Matte tin over copper alloy
RoHS
MECHANICAL DIAGRAM
BatMod
DC Input
GATE
IN
GATE
OUT
+Out
–Out
+IN
–In
External
Control
Functions
+
–
12 – 48 V
Battery
TRIM
V
TRIM
I
MON
I
DC Input
BatMod
GATE
IN
GATE
OUT
+OUT
–OUT
+IN
–IN
External
Control
Functions
+
–
Load
TRIM
V
TRIM
I
MON
I
Figure 2 — DC Input Programmable Current Source
Typical Applications
Figure 1 — DC Input Battery Charger



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com