Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BVM-SFPC5 Datasheet(PDF) 1 Page - Bright View Electronic Co., LTD.

Part # BVM-SFPC5
Description  FLEXSTRIP LIGHT
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BVLED [Bright View Electronic Co., LTD.]
Direct Link  http://www.bvled.com.tw
Logo BVLED - Bright View Electronic Co., LTD.

BVM-SFPC5 Datasheet(HTML) 1 Page - Bright View Electronic Co., LTD.

  BVM-SFPC5 Datasheet HTML 1Page - Bright View Electronic Co., LTD. BVM-SFPC5 Datasheet HTML 2Page - Bright View Electronic Co., LTD. BVM-SFPC5 Datasheet HTML 3Page - Bright View Electronic Co., LTD. BVM-SFPC5 Datasheet HTML 4Page - Bright View Electronic Co., LTD. BVM-SFPC5 Datasheet HTML 5Page - Bright View Electronic Co., LTD. BVM-SFPC5 Datasheet HTML 6Page - Bright View Electronic Co., LTD. BVM-SFPC5 Datasheet HTML 7Page - Bright View Electronic Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
■ DESCRIPTION
-
Flexstrip light is made of high brightness SMD LEDs
mounted on flexible printed circuit (FPC). Totally six
different colors (red, orange red, yellow, green, blue,
and white) are available for various applications.
-
Bright View also provides controller for dimmer and
programmable color change.
■ FEATURES
- Number of SMD LEDs : 300 pcs of ultra bright SMD LEDs
- Product size (LxWXH) : 4200mm x 10mm x 2.6mm
- Easy installation with the back adhesive-tape
- Products are packed into reel and can be cut at mark place into shorter units
- Shortest unit is 70mm with 5 LEDs; 60 shortest units per reel.
- Drive: 24VDC
- Low power consumption and high optical intensity
- Lead (Pb) free, and RoHS compliant
■ APPLICATIONS
- Amusement park & theater mood lighting
- Architectural decorative lighting
- Backlighting for signage letters
- Auditorium walkway lighting
- Stairway accent lighting
- Hallway lighting
Bright View Electronics
FLEXSTRIP LIGHT
BVM-SFPC5 SERIES
Date:2008/7/16
Page :1 of 7
Version : E


Similar Part No. - BVM-SFPC5

ManufacturerPart #DatasheetDescription
logo
Bright View Electronic ...
BVM-SFPC5B3SLN BVLED-BVM-SFPC5B3SLN Datasheet
162Kb / 7P
FLEXSTRIP LIGHT
BVM-SFPC5C01 BVLED-BVM-SFPC5C01 Datasheet
165Kb / 7P
FLEXSTRIP LIGHT
BVM-SFPC5G3SLN BVLED-BVM-SFPC5G3SLN Datasheet
162Kb / 7P
FLEXSTRIP LIGHT
BVM-SFPC5LN BVLED-BVM-SFPC5LN Datasheet
162Kb / 7P
FLEXSTRIP LIGHT
BVM-SFPC5W3SLN BVLED-BVM-SFPC5W3SLN Datasheet
162Kb / 7P
FLEXSTRIP LIGHT
More results

Similar Description - BVM-SFPC5

ManufacturerPart #DatasheetDescription
logo
Bright View Electronic ...
BVM-SF5C01 BVLED-BVM-SF5C01 Datasheet
135Kb / 5P
FLEXSTRIP LIGHT
BVM-SFPC3 BVLED-BVM-SFPC3 Datasheet
146Kb / 7P
FLEXSTRIP LIGHT
BVM-SFPC3LN BVLED-BVM-SFPC3LN Datasheet
140Kb / 7P
FLEXSTRIP LIGHT
BVM-SFPC5LN BVLED-BVM-SFPC5LN Datasheet
162Kb / 7P
FLEXSTRIP LIGHT
BVM-SFPC5C01 BVLED-BVM-SFPC5C01 Datasheet
165Kb / 7P
FLEXSTRIP LIGHT
BVM-SFRGB2S-T BVLED-BVM-SFRGB2S-T Datasheet
176Kb / 5P
RGB FLEXSTRIP LIGHT
BVM-SFRGBC05 BVLED-BVM-SFRGBC05 Datasheet
163Kb / 5P
RGB FLEXSTRIP LIGHT
BVM-SFS3 BVLED-BVM-SFS3 Datasheet
116Kb / 6P
FLEXSTRIP LIGHT
BVM-SFS6C01 BVLED-BVM-SFS6C01 Datasheet
100Kb / 6P
FLEXSTRIP LIGHT
BVM-SWFPC5 BVLED-BVM-SWFPC5 Datasheet
198Kb / 7P
WATERPROOF FLEXSTRIP LIGHT
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com