Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BVM-SFPC3G2S Datasheet(PDF) 3 Page - Bright View Electronic Co., LTD.

Part # BVM-SFPC3G2S
Description  FLEXSTRIP LIGHT
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BVLED [Bright View Electronic Co., LTD.]
Direct Link  http://www.bvled.com.tw
Logo BVLED - Bright View Electronic Co., LTD.

BVM-SFPC3G2S Datasheet(HTML) 3 Page - Bright View Electronic Co., LTD.

  BVM-SFPC3G2S Datasheet HTML 1Page - Bright View Electronic Co., LTD. BVM-SFPC3G2S Datasheet HTML 2Page - Bright View Electronic Co., LTD. BVM-SFPC3G2S Datasheet HTML 3Page - Bright View Electronic Co., LTD. BVM-SFPC3G2S Datasheet HTML 4Page - Bright View Electronic Co., LTD. BVM-SFPC3G2S Datasheet HTML 5Page - Bright View Electronic Co., LTD. BVM-SFPC3G2S Datasheet HTML 6Page - Bright View Electronic Co., LTD. BVM-SFPC3G2S Datasheet HTML 7Page - Bright View Electronic Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
■ ABSOLUTE MAXIMUM RATINGS AT Ta = 25 ℃
R2S
O2S
Y2S
B2S
G2S
W2S
13V
13V
13V
13V
13V
13V
■ TYPICAL ELECTRICAL / OPTICAL CHARACTERISTICS AT 12VDC Ta = 25 ℃
SYMBOL
R2S
O2S
Y2S
B2S
G2S
W2S
Unit
Red
Orange Yellow
Blue
Green
White
*
λp
Peak Emission Wavelength
632
611
591
465
520
*
nm
λd
624
605
589
470
525
*
nm
1/2
110
110
110
110
110
110
deg
IU
40
40
40
40
40
40
mA
IR
1.92
1.92
1.92
1.92
1.92
1.92
A
ΦU
6.6
4.2
8.4
3.0
8.4
19.8
lm
ΦR
317
202
403
144
403
950
lm
* White products are provided with different color temperature bins. (see following paragraph)
Note:
1. Luminous flux measurement tolerance : +/- 10%
2. View angle of the LED is the off-axis angle from the optical center line to the
1/2 luminous intensity of the peak value.
■ SMD LED Dominant Wavelengh for BIN Code / nm
Bin Code
AC
AD
AE
AF
AG
BVM-SFPC3
PARAMETER
Color
Dominant Wavelength
Operating Temperature Range
Storage Temperature Range
PARAMETER
±2000V
Luminous Flux / Reel
Orange
30 ℃ to +50 ℃
31.2W
602~606
606~610
610~614
YD
618~622
PK
PJ
594~597
527~530
530~533
614~618
591~594
YF
Green
30 ℃ to +85 ℃
Bin Code
LED Viewing Angle
Operating Current / Unit
Operating Current / Reel
Luminous Flux / Unit
Yellow
BVM-SFPC3 SERIES
Bright View Electronics
FLEXSTRIP LIGHT
Total Power Dissipation / 48 Units / Reel
Power Dissipation / Unit
Electrostatic Discharge (Contact Mode)
Operating Voltage (max.)
0.65W
524~527
Bin Code
PG
PH
PI
Range
518~521
521~524
Range
585~588
588~591
582~585
YC
YE
YG
Range
Date:2008/07/16
Page :3 of 7
Version:F



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com