Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BVM-SFS6C01 Datasheet(PDF) 3 Page - Bright View Electronic Co., LTD.

Part # BVM-SFS6C01
Description  FLEXSTRIP LIGHT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BVLED [Bright View Electronic Co., LTD.]
Direct Link  http://www.bvled.com.tw
Logo BVLED - Bright View Electronic Co., LTD.

BVM-SFS6C01 Datasheet(HTML) 3 Page - Bright View Electronic Co., LTD.

  BVM-SFS6C01 Datasheet HTML 1Page - Bright View Electronic Co., LTD. BVM-SFS6C01 Datasheet HTML 2Page - Bright View Electronic Co., LTD. BVM-SFS6C01 Datasheet HTML 3Page - Bright View Electronic Co., LTD. BVM-SFS6C01 Datasheet HTML 4Page - Bright View Electronic Co., LTD. BVM-SFS6C01 Datasheet HTML 5Page - Bright View Electronic Co., LTD. BVM-SFS6C01 Datasheet HTML 6Page - Bright View Electronic Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
■ ABSOLUTE MAXIMUM RATINGS AT Ta = 25 ℃
Unit
V
V
W
W
Operating Temperature Range
Storage Temperature Range
■ TYPICAL ELECTRICAL / OPTICAL CHARACTERISTICS AT 24VDC Ta = 25 ℃
BVM-SFS6W3S
White*
* White products are provided with different color temperature bins. (see following paragraph)
Note 1. Luminous flux measurement tolerance : +/- 10%
2. View angle of the LED is the off-axis angle from the optical center line to the
1/2 luminous intensity of the peak value.
■ BIN GRADE LIMITS CHROMATICITY COORDINATES
x
y
x
y
x
y
0.339
0.318
0.295
0.315
0.294
0.330
0.330
b6
5700k~6900k
0.311
0.307
0.294
0.315
0.267
0.295
0.276
b5
6900k~9000k
0.296
0.287
0.307
0.311
0.276
Bin Code
Color Temperature
Rank (Kelvin)
Chromaticity Coordinates
a3
9000k~15000k
0.280
0.264
0.287
0.296
0.248
25
Maximum Ratings
per Reel(A)
per Unit(lx)
±2000
View Angle
Bright View Electronics
FLEXSTRIP LIGHT
Power Dissipation / Unit
-30 ~ +85
PARAMETER
Current
Current
Part No.
1.9
per Unit(mA)
18
(degree)
110
Lum.Flux
Lum.Flux
65
per Reel(lx)
Color
0.5
Power Dissipation / 100Units / Reel
50
BVM-SFS6C01 SERIES
-30 ~ +50
Electrostatic Discharge (Contact Mode)
Maximum Operating Voltage
6500
Date:2008/06/19
Page :3 of 6
Version A



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com