Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BVM-SFS6C01W3S Datasheet(PDF) 6 Page - Bright View Electronic Co., LTD.

Part # BVM-SFS6C01W3S
Description  FLEXSTRIP LIGHT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BVLED [Bright View Electronic Co., LTD.]
Direct Link  http://www.bvled.com.tw
Logo BVLED - Bright View Electronic Co., LTD.

BVM-SFS6C01W3S Datasheet(HTML) 6 Page - Bright View Electronic Co., LTD.

  BVM-SFS6C01W3S Datasheet HTML 1Page - Bright View Electronic Co., LTD. BVM-SFS6C01W3S Datasheet HTML 2Page - Bright View Electronic Co., LTD. BVM-SFS6C01W3S Datasheet HTML 3Page - Bright View Electronic Co., LTD. BVM-SFS6C01W3S Datasheet HTML 4Page - Bright View Electronic Co., LTD. BVM-SFS6C01W3S Datasheet HTML 5Page - Bright View Electronic Co., LTD. BVM-SFS6C01W3S Datasheet HTML 6Page - Bright View Electronic Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
■ CAUTIONS
1. Over voltage
A. Drive the product over the specified current/voltage rating per unit or per reel will damage
the product.
B. The product should not be used in reverse polarity.
C. It is recommended to use a power supply with overload (over-voltage, short circuit and
overheat) protection.
2. Hand soldering
A. It is recommended to use a tip temperature of 280
OC for less than 3 seconds (one times)
with a soldering iron capacity of 30W, if hand soldering of the connecting wire is required.
B. Be careful of the contaminations of hand soldering.
3. Storage & Handling
A. Open the anti-electrostatic bag only a short time before use.
B. LED is encapsulated with elastic epoxy and will be damaged with a external force
applied on the top surface of the LED.
C. The product should be storage in an environment with the relative humidity less than
90% RH (@30 degree C or less).
D. During installation, excess mechanical stress will damage the product. The minimum
bending radius of curvature is 5000mm. The maximum twist angle is 1 degree.
E. The product is not waterproof. Excess moisture may also damage the product.
BVM-SFS6C01 SERIES
FLEXSTRIP LIGHT
Bright View Electronics
Date:2008/06/19
Page :6 of 6
Version A



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com