Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BVM-SL3R2S Datasheet(PDF) 1 Page - Bright View Electronic Co., LTD.

Part # BVM-SL3R2S
Description  FLEX STRIP LIGHT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BVLED [Bright View Electronic Co., LTD.]
Direct Link  http://www.bvled.com.tw
Logo BVLED - Bright View Electronic Co., LTD.

BVM-SL3R2S Datasheet(HTML) 1 Page - Bright View Electronic Co., LTD.

  BVM-SL3R2S Datasheet HTML 1Page - Bright View Electronic Co., LTD. BVM-SL3R2S Datasheet HTML 2Page - Bright View Electronic Co., LTD. BVM-SL3R2S Datasheet HTML 3Page - Bright View Electronic Co., LTD. BVM-SL3R2S Datasheet HTML 4Page - Bright View Electronic Co., LTD. BVM-SL3R2S Datasheet HTML 5Page - Bright View Electronic Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
■ Benefits
- For any sheet of channel letters
- Easy and fast installation
■ FEATURES
- One unit consists of 10 LED clusters connected with flexible cables
- No. of LEDs :30 pcs of ultra bright SMD LEDs
- Drive: 12VDC
- Product Size (LxWxH) : 1640mm x 14mm x 8.4 mm
- Mounting hole (2mm) allows easy installation with screws
- Daisy chain connection up to 5 units
- Conformal coating protects against condensation water
■ APPLICATIONS
- Illuminated signs
- Channel Letters
- Reverse halo
- Cove lighting
- Canopy lighting
Bright View Electronics
FLEX STRIP LIGHT
BVM-SL3 Series
Date :2008/7/4
Page 1 of 5
PRELIMINARY


Similar Part No. - BVM-SL3R2S

ManufacturerPart #DatasheetDescription
logo
Bright View Electronic ...
BVM-S405RGB2S BVLED-BVM-S405RGB2S Datasheet
305Kb / 5P
RGB STRIP LIGHT
BVM-S420CW3 BVLED-BVM-S420CW3 Datasheet
264Kb / 7P
LED STRIP LIGHT
BVM-S420CW3WS BVLED-BVM-S420CW3WS Datasheet
264Kb / 7P
LED STRIP LIGHT
BVM-S450 BVLED-BVM-S450 Datasheet
138Kb / 7P
LED STRIP LIGHT
BVM-S450B3S BVLED-BVM-S450B3S Datasheet
138Kb / 7P
LED STRIP LIGHT
More results

Similar Description - BVM-SL3R2S

ManufacturerPart #DatasheetDescription
logo
Bright View Electronic ...
BVM-S405RGB2S BVLED-BVM-S405RGB2S Datasheet
305Kb / 5P
RGB STRIP LIGHT
BVM-S420CW3 BVLED-BVM-S420CW3 Datasheet
264Kb / 7P
LED STRIP LIGHT
BVM-S450 BVLED-BVM-S450 Datasheet
138Kb / 7P
LED STRIP LIGHT
logo
OptoSupply Internationa...
OSMH50830GP-R5M3Z2C1P-A OPTOSUPPLY-OSMH50830GP-R5M3Z2C1P-A Datasheet
79Kb / 3P
LED Light Strip
OSMW03C12GP-R5MAS1C1A-A OPTOSUPPLY-OSMW03C12GP-R5MAS1C1A-A Datasheet
157Kb / 3P
LED Light Strip
OSMW38E20GJ-R5MAS1C1A-A OPTOSUPPLY-OSMW38E20GJ-R5MAS1C1A-A Datasheet
86Kb / 3P
LED Light Strip
OSMW60E32GM-R5MAS1C1A-A OPTOSUPPLY-OSMW60E32GM-R5MAS1C1A-A Datasheet
88Kb / 3P
LED Light Strip
OSMW50815GP-R5MAS1C1A-A OPTOSUPPLY-OSMW50815GP-R5MAS1C1A-A Datasheet
87Kb / 3P
LED Light Strip
OSMY46K27GH-R5MAZ161D-A OPTOSUPPLY-OSMY46K27GH-R5MAZ161D-A Datasheet
123Kb / 4P
LED Light Strip
OSMY61K37GH-R5MA5111A-A OPTOSUPPLY-OSMY61K37GH-R5MA5111A-A Datasheet
119Kb / 4P
LED Light Strip
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com