Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BVM-SWFPC5 Datasheet(PDF) 3 Page - Bright View Electronic Co., LTD.

Part # BVM-SWFPC5
Description  WATERPROOF FLEXSTRIP LIGHT
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BVLED [Bright View Electronic Co., LTD.]
Direct Link  http://www.bvled.com.tw
Logo BVLED - Bright View Electronic Co., LTD.

BVM-SWFPC5 Datasheet(HTML) 3 Page - Bright View Electronic Co., LTD.

  BVM-SWFPC5 Datasheet HTML 1Page - Bright View Electronic Co., LTD. BVM-SWFPC5 Datasheet HTML 2Page - Bright View Electronic Co., LTD. BVM-SWFPC5 Datasheet HTML 3Page - Bright View Electronic Co., LTD. BVM-SWFPC5 Datasheet HTML 4Page - Bright View Electronic Co., LTD. BVM-SWFPC5 Datasheet HTML 5Page - Bright View Electronic Co., LTD. BVM-SWFPC5 Datasheet HTML 6Page - Bright View Electronic Co., LTD. BVM-SWFPC5 Datasheet HTML 7Page - Bright View Electronic Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
■ ABSOLUTE MAXIMUM RATINGS AT Ta = 25 ℃
UNIT
V
W
■ TYPICAL ELECTRICAL / OPTICAL CHARACTERISTICS AT 24VDC Ta = 25 ℃
BVM-SWFPC5W3S
White
* White products are provided with different color temperature bins. (see following paragraph)
Note
1. Luminous flux measurement tolerance : +/- 15%
2. View angle of the LED is the off-axis angle from the optical center line to the
1/2 luminous intensity of the peak value.
390
Part No.
Color
110
11
0.187
23
Lum.Flux
(degree)
per Unit (mA)
per strip (A)
per Unit (lx)
per strip (lx)
View Angle
Current
Current
Lum.Flux
25
PARAMETER
WATERPROOF FLEXSTRIP LIGHT
BVM-SWFPC5 SERIES
-30~ +85
5.5
Power Dissipation / Strip
Operating Temperature Range
Storage Temperature Range
-20 ~+50
BVM-SWFPC5
Operating Voltage (max.)
Bright View Electronics
Date:2008/04/22
Page :3 of 7
Version-B



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com