Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BVM-SWFPC5W3S Datasheet(PDF) 7 Page - Bright View Electronic Co., LTD.

Part # BVM-SWFPC5W3S
Description  WATERPROOF FLEXSTRIP LIGHT
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BVLED [Bright View Electronic Co., LTD.]
Direct Link  http://www.bvled.com.tw
Logo BVLED - Bright View Electronic Co., LTD.

BVM-SWFPC5W3S Datasheet(HTML) 7 Page - Bright View Electronic Co., LTD.

  BVM-SWFPC5W3S Datasheet HTML 1Page - Bright View Electronic Co., LTD. BVM-SWFPC5W3S Datasheet HTML 2Page - Bright View Electronic Co., LTD. BVM-SWFPC5W3S Datasheet HTML 3Page - Bright View Electronic Co., LTD. BVM-SWFPC5W3S Datasheet HTML 4Page - Bright View Electronic Co., LTD. BVM-SWFPC5W3S Datasheet HTML 5Page - Bright View Electronic Co., LTD. BVM-SWFPC5W3S Datasheet HTML 6Page - Bright View Electronic Co., LTD. BVM-SWFPC5W3S Datasheet HTML 7Page - Bright View Electronic Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
■ CAUTIONS
1. Over voltage
A. Drive the product over the specified current/voltage rating per unit or per strip will damage
the product.
B. The product should not be used in reverse polarity.
C. It is recommended to use a power supply with overload (over-voltage, short circuit and
overheat) protection.
2. Hand soldering
A. It is recommended to use a tip temperature of 280
OC for less than 3 seconds (one times)
with a soldering iron capacity of 30W, if hand soldering of the connecting wire is required.
B. Be careful of the contaminations of hand soldering.
3. Storage & Handling
A. Open the anti-electrostatic bag only a short time before use.
B. The product is IP 65 dust and moisture resistance certified. However, cutting, drilling, marking,
and/or excess stress will damage the hermetic sealing and lost its waterproof capability.
C. During installation, excess mechanical stress will damage the product. The minimum
bending radius of curvature is 150mm (outwards, with LED on outer side).
The maximum twist angle is 15 degree.
WATERPROOF FLEXSTRIP LIGHT
BVM-SWFPC5 SERIES
Bright View Electronics
Date:2008/04/22
Page :7 of 7
Version-B



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com