Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CIH3030A331M Datasheet(PDF) 1 Page - CITIZEN ELECTRONICS CO., LTD.

Part # CIH3030A331M
Description  Thin SMD Inductor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITIZEN [CITIZEN ELECTRONICS CO., LTD.]
Direct Link  http://ce.citizen.co.jp/e/index.html
Logo CITIZEN - CITIZEN ELECTRONICS CO., LTD.

CIH3030A331M Datasheet(HTML) 1 Page - CITIZEN ELECTRONICS CO., LTD.

  CIH3030A331M Datasheet HTML 1Page - CITIZEN ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
151
● ● ● ● ● ● ● ● ● ● ●
薄型 SMD インダクタ
CIH3030A Series
Thin SMD Inductor
CIH3030A Series
単位 Unit : mm
1. 5mH以下のインダクタンス値に対し
カスタム対応します。
2. 3.0×3.0×0.8mmの小型・薄型の巻
線タイプです。
3. 鉛フリー対応。
4. RoHS対応。
5. 耐衝撃構造。
1. Customization available for the
inductance value of 5 mH or less.
2. Winding type, compact and slim model
of 3.0 x 3.0 x 0.8 mm (L x W x T).
3. Lead-free type.
4. Complying with the RoHS Directive.
5. Shock resistance structure.
■ 特徴 Features
●外形寸法図 Outline drawing
推奨はんだ付けパターン
The following soldering patterns are
recommended for reflow-soldering:
単位 Unit : mm
3.0(L)×3.0(W)×0.8(T)mm
※1 測定条件 Measuring conditions : 100kHz, 25℃
※2 許容電流は、インダクタンスが初期値より10%低下する直流重畳電流値(at 25℃)Allowable current
respectively is set to a value which is decreased to 10% below each initial value of inductance
(at 25℃)
●特性 Characteristics
 
公称インダクタンス※1 インダクタンス許容差
直流抵抗
許容電流※2 自己共振周波数
Nominal
Inductance
DC Resistance
Allowable
Self-resonant
Inductance
Tolerance
Current
frequency[Typ]
(H)
(Ω)
Idc
(mA)
(MHz)
CIH3030A101M
100μ
±20%
3.5±20%
120
10
CIH3030A151M
150μ
±20%
4.4±20%
70
9.0
CIH3030A221M
220μ
±20%
6.0±20%
60
7.0
CIH3030A331M
330μ
±20%
7.0±20%
40
5.5
CIH3030A471M
470μ
±20%
10.5±20%
30
4.6
Types
1000
100
10
10
1
100
1000
Current
[mA]
220
μH
150
μH
100
μH
470
μH
330
μH
330
μH
470
μH
1000000
100000
10000
1000
100
10
1
1
0.1
10
1000
100
Frequency
[MHz]
220
μH
150
μH
100
μH
●インダクタンス直流電流重畳特性
●Inductance DC bias characteristics
●インピーダンス周波数特性
●Impedance-frequency characteristics
ダミー端子
Dummy terminal
接続端子
Connection
terminal
3
0.8
3
1.1 0.8 1.1
1.35
0.7
1.35
2.746
0.327
0.327


Similar Part No. - CIH3030A331M

ManufacturerPart #DatasheetDescription
logo
Electronic Components L...
CIH3006 CLIFF-CIH3006 Datasheet
214Kb / 2P
3 Lead Test Sets
CIH3007 CLIFF-CIH3007 Datasheet
214Kb / 2P
3 Lead Test Sets
CIH3021 CLIFF-CIH3021 Datasheet
214Kb / 2P
3 Lead Test Sets
CIH3022 CLIFF-CIH3022 Datasheet
214Kb / 2P
3 Lead Test Sets
More results

Similar Description - CIH3030A331M

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ATFC-0402 ABRACON-ATFC-0402 Datasheet
218Kb / 2P
THIN FILM CHIP INDUCTOR
08.24.07
logo
Vishay Siliconix
IFCB-0603 VISHAY-IFCB-0603 Datasheet
105Kb / 2P
Thin Film Chip Inductor
10-Aug-06
logo
KOA Speer Electronics, ...
KL731ET KOA-KL731ET Datasheet
133Kb / 4P
thin film inductor
logo
CITIZEN ELECTRONICS CO....
CI2020A CITIZEN-CI2020A Datasheet
204Kb / 1P
Thin SMD Inductor
CI2020C CITIZEN-CI2020C Datasheet
204Kb / 1P
Super Thin SMD Inductor
CI2222A CITIZEN-CI2222A Datasheet
204Kb / 1P
Thin SMD Inductor
CI3030A CITIZEN-CI3030A Datasheet
206Kb / 1P
Thin SMD Inductor
CI2222A CITIZEN-CI2222A_1 Datasheet
393Kb / 1P
Thin SMD Inductor
logo
KOA Speer Electronics, ...
KL732ATTE4N7G KOA-KL732ATTE4N7G Datasheet
243Kb / 4P
thin film inductor
logo
AVX Corporation
ACCU-L0201 AVX-ACCU-L0201 Datasheet
90Kb / 2P
SMD RF Thin Film Tuning Inductor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com