Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FIAM2C21 Datasheet(PDF) 1 Page - Vicor Corporation

Part # FIAM2C21
Description  Filter Input Attenuator Module
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

FIAM2C21 Datasheet(HTML) 1 Page - Vicor Corporation

  FIAM2C21 Datasheet HTML 1Page - Vicor Corporation FIAM2C21 Datasheet HTML 2Page - Vicor Corporation FIAM2C21 Datasheet HTML 3Page - Vicor Corporation FIAM2C21 Datasheet HTML 4Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Vicor Corp. Tel: 800-735-6200, 978-470-2900 Fax: 978-475-6715
FIAM, Filter Input Attenuator Module
Rev. 1.1
Page 1 of 4
Set your site on VICOR at www.vicorpower.com
PRELIMINARY
Parameter
Min
Typ
Max
Remarks
Input voltage
36Vdc
48Vdc
76Vdc
Continuous
Output current
FIAM1xxx
10A
FIAM2xxx
20A
Inrush limiting
.014A/µF
Transient immunity
1µsec duration
Bellcore TR-NWT-000499
200V
5.0µsec rise time, 50µsec duration surge
ETS 300 386-1 Class 2
200V
1-100nsec burst
250V
EMI
When used with Vicor 2nd Generation
Bellcore GR-001089-Core
Issue 2
48Vin DC-DC converters
EN 55022
Level B
FCC Part 15
Level B
Dielectric withstand
1,500Vrms
Input/Output to Base
2,121Vdc
Input/Output to Base
Efficiency
96
97.5
Internal voltage drop is 1.4 max.
@ 20A, 100°C baseplate
Reverse polarity protection
No damage to module,
external fuse required
ON/OFF control
Enable (ON)
0.0Vdc
1.0Vdc
Referenced to –Vout.
Disable (OFF)
3.5Vdc
5.0Vdc
100k
Ω internal pull-up resistor
External capacitance
See illustration on page 2.
FIAM1xxx
10µF
150µF
100V
FIAM2xxx
100µF
330µF
100V
Safety approvals
UL 1950, CSA 22.2-950, EN 60950
Weight
3.1 (88)
4 (113)
ounces (grams)
Warranty
2
years
Parameter
Rating
Unit
Notes
+In to –In
80
Vdc
Continuous
+In to –In
100
V
100ms
+Out to –Out
75
Vdc
Continuous
Mounting torque
5(0.57)
in-lbs
6 each, #4-40 or M3
Pin Soldering temperature
500 (260)
°F(°C)
<5 sec; wave solder
Pin Soldering temperature
750 (390)
°F(°C)
<7 sec; hand solder
Storage temperature C–, T– Grade
-40 to +125
°C
Operating temperature C– Grade
-20 to +100
°C
Baseplate
Operating temperature T– Grade
-40 to +100
°C
Baseplate
Features
• EMI filtering-Class B
• Transient protection
• Low profile mounting options
• 10 and 20 Ampere versions
• UL, CSA, EN compliance
• Mini-size package
• Inrush current limiting
Product Highlights
The FIAM is a DC front-end module
providing transient protection, inrush current
limiting and Class B EMI filtering in a Mini-
size package. The FIAM enables designers
using Vicor 2nd Generation, 48Vin DC-DC
converters to meet the transient immunity
and EMI requirements of Bellcore, FCC,
ETSI and European Norms while protecting
system hardware from inrush current. The
FIAM accepts an input voltage of 36-76Vdc,
is available in 10 or 20A versions and
provides reverse polarity protection and
remote on/off.
FIAM is housed in an industry standard "half
brick" module measuring 2.28" x 2.2" x 0.5"
and depending upon model selected, may be
mounted on-board or in-board for height
critical applications.
Compatible Products
• 2nd Generation 48V Input
DC-DC converters
Part Number Format
Thermal Resistance
Parameter
Typ
Baseplate to sink; flat, greased surface
0.16°C/Watt
Baseplate to sink; thermal pad (P/N 20264)
0.1°C/Watt
Baseplate to ambient
7.9°C/Watt
Baseplate to sink; 1000 LFM
2.2°C/Watt
Data Sheet
FIAM
TM
Filter Input Attenuator Module
45
Shown actual size:
2.28 x 2.2 x 0.5 in
57,9 x 55,9 x 12,7 mm
Specifications
(typical at TBP = 25C, nominal line, 75% load, unless otherwise specified)
Absolute Maximum Rating
FIAM
1
C
1
1
Product
Type
1 = 10A
2 = 20A
Baseplate
1 = Slotted
2 = Threaded
3 = Thru-hole
Pin Style
1 = Short
2 = Long
Product Grade
C = –20 to +100
T = –40 to +100


Similar Part No. - FIAM2C21

ManufacturerPart #DatasheetDescription
logo
LEMO Connectors
FIA.3B.307.CLAD11 LEMO-FIA.3B.307.CLAD11 Datasheet
69Kb / 3P
B - Indoor keyed
More results

Similar Description - FIAM2C21

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
M-FIAM3 VICOR-M-FIAM3 Datasheet
270Kb / 4P
Military 270Vin Filter Input Attenuator Module
M-FIAM5 VICOR-M-FIAM5 Datasheet
188Kb / 5P
Military 28Vin Filter Input Attenuator Module
M-FIAM3M21 VICOR-M-FIAM3M21 Datasheet
316Kb / 6P
Military COTS 270 Vin Filter Input Attenuator Module
M-FIAM5BM21 VICOR-M-FIAM5BM21 Datasheet
432Kb / 7P
Military COTS 28 Vin Filter Input Attenuator Module
M-FIAM7M21 VICOR-M-FIAM7M21 Datasheet
492Kb / 6P
Military COTS 28 Vin Filter Input Attenuator Module
M-FIAM9M21 VICOR-M-FIAM9M21 Datasheet
577Kb / 7P
Military COTS 28 Vin Filter Input Attenuator Module
logo
Powerbox
VI-A11-CU POWERBOX-VI-A11-CU Datasheet
401Kb / 1P
FILTER INPUT ATTENUATOR MODULE
VI-HAM POWERBOX-VI-HAM Datasheet
707Kb / 1P
AC INPUT HARMONIC ATTENUATOR MODULE
VI-RAM-C2 POWERBOX-VI-RAM-C2 Datasheet
695Kb / 1P
FILTER OUTPUT ATTENUATOR MODULE
logo
VPT, Inc.
DVMN28 VPT-DVMN28 Datasheet
207Kb / 8P
HIGH RELIABILITY EMI FILTER AND INPUT ATTENUATOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com