Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EN1C21 Datasheet(PDF) 4 Page - Vicor Corporation

Part # EN1C21
Description  ENMods Component Power Front End System for EN Compliance
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

EN1C21 Datasheet(HTML) 4 Page - Vicor Corporation

  EN1C21 Datasheet HTML 1Page - Vicor Corporation EN1C21 Datasheet HTML 2Page - Vicor Corporation EN1C21 Datasheet HTML 3Page - Vicor Corporation EN1C21 Datasheet HTML 4Page - Vicor Corporation EN1C21 Datasheet HTML 5Page - Vicor Corporation EN1C21 Datasheet HTML 6Page - Vicor Corporation EN1C21 Datasheet HTML 7Page - Vicor Corporation EN1C21 Datasheet HTML 8Page - Vicor Corporation EN1C21 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Vicor Corp. Tel: 800-735-6200, 978-470-2900 Fax: 978-475-6715
ENMods System: FARM3 and MiniHAM
Rev. 1.3
Page 4 of 12
Set your site on VICOR at www.vicorpower.com
PRELIMINARY
C2
R4
C4
L2/N
L1
PE
L1
R3
L2
R1
R2
L3
C1
C3
F1
Part
C1
C2, C3
C4
F1
F1
L1, L2
L3
R1, R2
R3
R4
V1
Description
1.0
µF
4700pF
0.33
µF
6.3A Fuse(5mm)
Fuse Holder
27
µH
1.3mH
10
Ω
150k
Ω, 0.5W
2.2
Ω, 2W
MOV
Vicor
Part Number
02573
01000
00927
22985
25318
14563
15016
00126-10R0
00127-1503
25896
03040
V1
N
L
PE
Input
Output
Figure 1b — Input EMI filter for EN55022, Level B compliance
Harmonic Current
0.01
0.10
1.00
10.00
23456789 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40
Harmonic Number
Measured Values
Odd Harmonic Limits
Even Harmonic Limits
*
Figure 2 — Measured harmonic current at 230VAC, 575W vs. EN spec limits
*Measured values of even harmonics are below 0.01A
Operating Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com