Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MI-AI Datasheet(PDF) 2 Page - Vicor Corporation

Part # MI-AI
Description  Military Component Front End Modules
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

MI-AI Datasheet(HTML) 2 Page - Vicor Corporation

  MI-AI Datasheet HTML 1Page - Vicor Corporation MI-AI Datasheet HTML 2Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Product Grade Specifications
*Test data available for review or download from vicorpower.com
Mechanical Drawing
Universal
AC In
MI-AIM
Gate Out
Parallel
Gate In
+Out
-Out
L2/N
N/C
N/C
L1
-Out
-S
Trim
+S
+Out
+In
Gate In
Gate Out
-In
MI-27x/J7x
Driver
Load
F2
0.01
µF (Two 4700 pF )
Y-Rated Capacitors
0.01
µF Ceramic
0.01
µF Ceramic
C out*
F1
* 1200
µF Max. (See Vicor's Applications Manual, page 12-2, Selecting Capacitors for AIM Modules.)
Fuse 1: 7A F03A type recommended.
Fuse 2: For MI-x7x-xx – Buss PC-Tron 2.5A (450V)
0.01
µF (Two 4700 pF )
Y-Rated Capacitors
0.47
µF
Connection Diagram
PARAMETER
PRODUCT GRADE
I- Grade
M- Grade
Part Number
MI-AIM-I1
MI-AIM-M1
Storage temperature
-55°C to +125°C
-65°C to +125°C
Operating temperature (baseplate)
-40°C to +100°C
-55°C to +100°C
Power cycling burn-in
12 hours, 25 cycles
96 hours, 200 cycles
Temperature cycled with power off
12 cycles
12 cycles
17°C per minute rate of change
-65°C to +100°C
-65°C to +100°C
Test data supplied at these temperatures*
-40°C, +80°C
-55°C, +80°C
Warranty
2 years
2 years
Environmental compliance
MIL-STD-810
MIL-STD-810
5
6
7
8
9
4
3
2
1
0.080 Dia (2) places
Solder plate
over copper alloy
0.040 (1,0) Dia (7) places
Solder plate
over copper alloy
.01
Aluminum Base
Product ID
this surface
Function
L1
L2/N
+Out
Parallel
Gate Out
–Out
Pin #
1
2
3
4
5
6
7
8
9
FULL R
+0.030 (0,76)
-0.000 (0)
(5,6) Min.
(7,6) Min.
(44,4) Max.
2.40
2.28
0.12
0.50
1.90
0.65
(16,5)
0.49
(12,4)
0.30
±.015
(7,6)
±(0,38)
0.15
2.10
(53,4)
(33,0)
0.40
(10,2)
0.35
± 0.015
(8,9)
±(0,38)
1.40
(35,6)
1.00
(25,4)
0.70
(17,8)
NC
NC
Gate In
MI-AIM
(57,9)
1.30
(3,8)
0.15
(3,8)
(48,3)
(3,0)
0.22
(12,7)
0.30
(61,0)
1.75
MI-AIM 04/03
2 of 2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com