Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS12 Datasheet(PDF) 1 Page - CITIZEN ELECTRONICS CO., LTD.

Part # LS12
Description  Non-illuminated/Horizontal Type
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITIZEN [CITIZEN ELECTRONICS CO., LTD.]
Direct Link  http://ce.citizen.co.jp/e/index.html
Logo CITIZEN - CITIZEN ELECTRONICS CO., LTD.

LS12 Datasheet(HTML) 1 Page - CITIZEN ELECTRONICS CO., LTD.

  LS12 Datasheet HTML 1Page - CITIZEN ELECTRONICS CO., LTD. LS12 Datasheet HTML 2Page - CITIZEN ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
84
● ● ● ● ● ● ● ● ● ●
〈シリーズ Series〉
12.ダボ付きタイプ/Dowel type
スイッチ長さ Length
K:2.9mm
操作荷重 Operating force
※1:1.18N(120gf)
2:1.57N(160gf)
包装形態 Packing mode
無記入:バルク包装
Non-coded:Bulk packing
T:テーピング(基本納入形態)
T:Taping (standard mode)
非照光式・ホリゾンタルタイプ
LS12 Series 
Non-illuminated/Horizontal Type
LS12 Series
1. ホリゾンタルタイプなので、はんだ付
基板に対して側面よりプッシュでき
ます。
2. リフローはんだが可能な完全防水
タイプです。
1. This horizontal type switch allows
pushing from a side of a soldered
PCB.
2. The switch supported reflow
soldering and full-water-resistant,
ルミスイッチLS12シリーズは操作用ス
イッチとして次のような製品に使用でき
ます。
携帯端末機器、TV、VTR、カメラ
等。
LUMISWITCH, LS12 series, can be used
as a function control switch in the
following applications.
Portable telephones, TV, VCR,
cameras, etc.
●製品コード Product code
LS12 K 2 T
※製品は未量産品のため、ご使用の際にご相談願います。Products with an "※" mark are not yet being mass
produced. Please contact us when you will be using them.
■ 用途 Application
■ 特徴 Features
2.9(L)×3.85(W)×1.55(H)mm


Similar Part No. - LS12

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
LS12 GOOD-ARK-LS12 Datasheet
193Kb / 4P
Surface Mount Schottky Rectifier Reverse Voltage 20~200V Forward Current 1A
logo
Jinan Jing Heng Electro...
LS12 JINGHENG-LS12 Datasheet
74Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Frontier Electronics.
LS12-LFR FRONTIER-LS12-LFR Datasheet
168Kb / 2P
1A SURFACE MOUNT LOW FORWARD VOLTAGE SCHOTTKY BARRIER RECTIFIERS
logo
Micross Components
LS120 MICROSS-LS120 Datasheet
275Kb / 1P
Linear Systems replaces discontinued Intersil IT120
logo
Jinan Jing Heng Electro...
LS120 JINGHENG-LS120 Datasheet
74Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - LS12

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
LS10 CITIZEN-LS10 Datasheet
221Kb / 2P
Non-illuminated/Horizontal Type
LS16 CITIZEN-LS16 Datasheet
202Kb / 2P
Non-illuminated/Vertical Type
LS17 CITIZEN-LS17 Datasheet
178Kb / 1P
Non-illuminated/Vertical Type
LS18 CITIZEN-LS18 Datasheet
189Kb / 2P
Non-illuminated/Vertical Type
LS30 CITIZEN-LS30 Datasheet
186Kb / 1P
Non-illuminated/Vertical Type
LS37 CITIZEN-LS37 Datasheet
180Kb / 1P
Non-illuminated/Vertical Type
LS7 CITIZEN-LS7 Datasheet
381Kb / 1P
Non-illuminated/Vertical Type
LS10 CITIZEN-LS10_1 Datasheet
476Kb / 2P
Non-illuminated/Horizontal Type
LS12 CITIZEN-LS12_1 Datasheet
439Kb / 2P
Non-illuminated/Horizontal Type
logo
Copal Electronics
DP4 COPAL-DP4 Datasheet
438Kb / 2P
Non-Illuminated Type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com