Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS30 Datasheet(PDF) 1 Page - CITIZEN ELECTRONICS CO., LTD.

Part # LS30
Description  Non-illuminated/Vertical Type
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITIZEN [CITIZEN ELECTRONICS CO., LTD.]
Direct Link  http://ce.citizen.co.jp/e/index.html
Logo CITIZEN - CITIZEN ELECTRONICS CO., LTD.

LS30 Datasheet(HTML) 1 Page - CITIZEN ELECTRONICS CO., LTD.

  LS30 Datasheet HTML 1Page - CITIZEN ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
91
● ● ● ● ● ● ● ● ● ● ●
非照光式・バーチカルタイプ
LS30 Series
Non-illuminated/Vertical Type
LS30 Series
1. 小型であるため実用上のレイアウト
の融通性が高く、セット設計が容易に
行なえます。
2. リフロー炉によるはんだ付けが出来
ます。
3. 完全防水タイプです。
1. The compact form of these
switches enables high layout
flexibility and easy set design.
2. Reflow soldering is possible using a
reflow furnace.
3. This is completely waterproof type.
ルミスイッチLS30シリーズは操作用ス
イッチとして次のような製品に使用でき
ます。
TV、VTR、音響機器、車載用機器、通信
用機器、カーオーディオ製品等。
LUMISWITCH, LS30 series, can be used as
a function control switch in the following
applications.
TV, VCR, audio equipment,
automotive and telecommunication
equipment, measuring instruments,
car audio products etc.
Item
スイッチ作動力 Switch operating force
2.16N
3.63N
最大定格 Maximum rating
DC12V 20mA
接触抵抗 Contact resistance
100mΩ以下 100mΩ or less
絶縁抵抗 Insulation resistance
100MΩ以上 100MΩ or more
耐電圧 Withstanding voltage
AC250V 1分間 AC250V for one minute
バウンス Bounce
20ms以下 20ms or less
ストローク Stroke
1.5mm
作動力 Operating force
2.16±0.59N
3.63±0.98N
動作寿命 Operating life (times)
5万回以上
50,000 or more
●電気的・機械的特性 Electro-Mechanical Characteristics
スイッチ部 Switch portion
(Ta 25℃)
●外形寸法図 Outline drawing
5.2
4-R0.8
φ3.9
S1
S1
S1
S2
S2
S1
S2
S2
回 路 図/
Circuit diagram
シルク印刷/
Silk printing
1.6
0.15 0.1
4-R0.8
1
1.5
1.5
3.1
リフローはんだ用
For reflow soldering
単位 Unit : mm
推奨はんだ付けパターン
The following soldering patterns
are recommended for reflow-soldering:
■ 用途 Application
■ 特徴 Features
5.2(L)×5.2(W)×7.0(H)mm
●製品コード Product code
LS30 W 3 5 - T
〈シリーズ Series〉
スイッチ高さ Thickness
W:7.0mm
操作荷重 Operating force
3:2.16N(220gf)
4:3.63N(370gf)
作動量 Operating length
5:1.5mm
包装形態 Packing mode
無記入:バルク包装
Non-coded:Bulk packing
T:テーピング(基本納入形態)
T:Taping (standard mode)


Similar Part No. - LS30

ManufacturerPart #DatasheetDescription
logo
Lorlin Electronics Ltd.
LS300 LORLIN-LS300 Datasheet
723Kb / 1P
LS300 LOCK SWITCH
logo
ABL Aluminium Component...
LS300 ABL-LS300 Datasheet
749Kb / 6P
HEATSINK SELECTION
logo
Hugo Mueller GmbH & Co....
LS3000KNX HUGO-MUELLER-LS3000KNX Datasheet
144Kb / 2P
OUTDOOR SENSORS
logo
Linear Integrated Syste...
LS301 LINEAR-LS301 Datasheet
29Kb / 2P
HIGH VOLTAGE SUPER-BETA MONOLITHIC DUAL NPN TRANSISTORS
logo
Micross Components
LS301 MICROSS-LS301 Datasheet
276Kb / 1P
Linear Systems High Voltage Super-Beta Monolithic Dual NPN
More results

Similar Description - LS30

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
LS8 CITIZEN-LS8 Datasheet
166Kb / 1P
Non-illuminated/Vertical Type
LS16 CITIZEN-LS16 Datasheet
202Kb / 2P
Non-illuminated/Vertical Type
LS17 CITIZEN-LS17 Datasheet
178Kb / 1P
Non-illuminated/Vertical Type
LS18 CITIZEN-LS18 Datasheet
189Kb / 2P
Non-illuminated/Vertical Type
LS37 CITIZEN-LS37 Datasheet
180Kb / 1P
Non-illuminated/Vertical Type
LS7 CITIZEN-LS7 Datasheet
381Kb / 1P
Non-illuminated/Vertical Type
LS16 CITIZEN-LS16_1 Datasheet
417Kb / 2P
Non-illuminated/Vertical Type
LS17 CITIZEN-LS17_1 Datasheet
449Kb / 1P
Non-illuminated/Vertical Type
LS18 CITIZEN-LS18_1 Datasheet
403Kb / 2P
Non-illuminated/Vertical Type
LS35 CITIZEN-LS35 Datasheet
383Kb / 1P
Non-illuminated/Vertical Type
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com