Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS16A2 Datasheet(PDF) 2 Page - CITIZEN ELECTRONICS CO., LTD.

Part # LS16A2
Description  Non-illuminated/Vertical Type
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITIZEN [CITIZEN ELECTRONICS CO., LTD.]
Direct Link  http://ce.citizen.co.jp/e/index.html
Logo CITIZEN - CITIZEN ELECTRONICS CO., LTD.

LS16A2 Datasheet(HTML) 2 Page - CITIZEN ELECTRONICS CO., LTD.

  LS16A2 Datasheet HTML 1Page - CITIZEN ELECTRONICS CO., LTD. LS16A2 Datasheet HTML 2Page - CITIZEN ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
87
●外形寸法図 Outline drawing
●電気的・機械的特性 Electro-Mechanical Characteristics
(Ta 25℃)
Item
スイッチ作動力 Switch operating force
1.18N
1.57N
1.96N
2.35N
最大定格 Maximum rating
DC12V 20mA
接触抵抗 Contact resistance
100mΩ以下 100mΩ or less
絶縁抵抗 Insulation resistance
100MΩ以上 100MΩ or more
耐電圧 Withstanding voltage
AC250V 1分間 AC250V for one minute
バウンス Bounce
20ms以下 20ms or less
ストローク Stroke
0.2mm
作動力 Operating force
1.18±0.39N
1.57±0.49N
1.96±0.49N
2.35±0.59N
動作寿命 Operating life (times)
10万回以上
5万回以上
5万回以上
3万回以上
100,000 or more 50,000 or more
50,000 or more 30,000 or more
注1)はんだ印刷用メタルマスクの厚さは0.1∼0.15を推奨します。
A thickness of 0.1∼0.15 is recommended for the metal
mask for solder printing.
注2)基板レジストパターンの寸法は、
はんだ付けパターン外形+0.15
(全周)
で 設計して下さい。
The dimensions of the board resist pattern should be
designed according to the outer form of the solder pattern
plus 0.15 (all around).
注3)スイッチ中心公差は、スイッチ外形より±0.2mm以下となります。
The switch center tolerance is to be ±0.2mm or less from
outside edge of the housing.
※基板パターン処理はAuメッキです。/Board pattern finish is with gold
(Au) plating.
S2
S 2
S2
S1
S1
S 1
4.2
極性マーク(白)
1.0
1.4
1.4
1.0
シルク印刷
推奨基板はんだ付けパターン
回路図
Circuit diagram
Silk printing
Polarity mark (White)
The following soldering patterns
are recommended for reflow-
soldering:
※
※
※ダミーパターン/
 Dummy pattern
S2
S2
S2
S2
S2
S1
S1
S1
S1
S1
S2
S1
4.2
1.0
1.4
1.4
1.0
極性マーク(緑)
シルク印刷
推奨基板はんだ付けパターン
回路図
Circuit diagram
Silk printing
Polarity mark (Green)
The following soldering patterns
are recommended for reflow-
soldering:
S2
S2
S2
S2
S2
S2
S1
S1
S1
S1
S1
S1
4.2
極性マーク(黒)
1.0
1.4
1.4
1.0
シルク印刷
推奨基板はんだ付けパターン
回路図
Circuit diagram
Silk printing
Polarity mark (Black)
The following soldering patterns
are recommended for reflow-
soldering:
単位 Unit : mm
単位 Unit : mm
単位 Unit : mm
LS16A
LS16B
LS16D



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com