Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS11N3 Datasheet(PDF) 2 Page - CITIZEN ELECTRONICS CO., LTD.

Part # LS11N3
Description  Non-illuminated/Horizontal Type
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITIZEN [CITIZEN ELECTRONICS CO., LTD.]
Direct Link  http://ce.citizen.co.jp/e/index.html
Logo CITIZEN - CITIZEN ELECTRONICS CO., LTD.

LS11N3 Datasheet(HTML) 2 Page - CITIZEN ELECTRONICS CO., LTD.

  LS11N3 Datasheet HTML 1Page - CITIZEN ELECTRONICS CO., LTD. LS11N3 Datasheet HTML 2Page - CITIZEN ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
83
●外形寸法図/Outline drawing
●電気的・機械的特性/Electro-Mechanical Characteristics (Ta 25℃)
Item
スイッチ作動力/Switch operating force
1.18N
1.57N
2.16N
最大定格/Maximum rating
DC12V 20mA
接触抵抗/Contact resistance
100mΩ以下/100mΩ or less
絶縁抵抗/Insulation resistance
100MΩ以上/100MΩ or more
耐電圧/Withstanding voltage
AC250V 1分間/AC250V for one minute
バウンス/Bounce
20ms以下/20ms or less
ストローク/Stroke
0.2mm
作動力/Operating force
1.18N±0.39N
1.57±0.49N
2.16±0.59N
20万回以上
10万回以上
5万回以上
動作寿命/Operating life (times)
200,000 or more 100,000 or more 50,000 or more
推奨はんだ付けパターン
The following soldering patterns are recommended for
reflow-soldering:
※金属ケースダミーパターン/Metal case dummy pattern
回路図
Circuit diagram
回路図
Circuit diagram
1.4
2.1
1.2
0.7
0.6
0.7
1.0
1.1
2-φ0.9±0.1(穴/Holes)
S1
※
※
※
S2
1.2
0.7
1.3
1.0
1.1
0.65
0.65
S1
S2
※
※
※
※金属ケースダミーパターン/Metal case dummy pattern
単位/Unit : mm
単位/Unit : mm
LS10
LS11
LS11
LS10



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com