Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BT75A25LS-RF Datasheet(PDF) 2 Page - KODENSHI_AUK CORP.

Part # BT75A25LS-RF
Description  Voltage Detector
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

BT75A25LS-RF Datasheet(HTML) 2 Page - KODENSHI_AUK CORP.

  BT75A25LS-RF Datasheet HTML 1Page - KODENSHI_AUK CORP. BT75A25LS-RF Datasheet HTML 2Page - KODENSHI_AUK CORP. BT75A25LS-RF Datasheet HTML 3Page - KODENSHI_AUK CORP. BT75A25LS-RF Datasheet HTML 4Page - KODENSHI_AUK CORP. BT75A25LS-RF Datasheet HTML 5Page - KODENSHI_AUK CORP. BT75A25LS-RF Datasheet HTML 6Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
KK75Axx
ELECTRICAL CHARACTERISTICS
(TA = 25
oC, unless otherwise specified)
Characteristic
Symbol
Test Conditions
Min
Typ
Max
Unit
Supply Voltage
VCC
1.2
5.5
V
Detecting Voltage
VDET
2.16
2.35
2.50
2.65
2.74
3.23
3.82
4.12
4.61
4.90
2.20
2.40
2.55
2.70
2.80
3.30
3.90
4.20
4.70
5.00
2.24
2.45
2.60
2.75
2.86
3.37
3.98
4.28
4.79
5.10
V
Supply Current
ICC
VCC = 5.0V, No Load
8
15
µA
Low Output Voltage
VOL
VCC = VDET–0.2V, IOL = 0.1mA
0.1
0.3
V
High Output Voltage
VOH
VCC = VDET+0.2V, IOH = 0.1mA
VCC – 0.3V
V
Hysteresis Voltage
VHYS
2.0
%
Detective Voltage Temperature
Coefficient
DET
DET
V
T
V
∆
×
∆
∆
-10
oC < T
A <70
oC
± 0.02
%/
oC
BLOCK DIAGRAM
CMOS OUTPUT
OPEN DRAIN OUTPUT
+
-
OUT
VREF
RA
RB
VB
RC
VSS
VCC
+
-
OUT
VSS
VCC
VREF
RA
RB
VB
RC
FUNCTIONAL DESCRIPTION
The KK75AXX series is the set of voltage detectors equipped with a high stability voltage reference which is
connected to the negative input of a comparator - denoted as VREF in block diagram.
When the voltage drop to the positive input of the comparator (VB) is high than VREF, VOUT goes high.
If VCC is decreased so that VB falls to a value less than VREF, the comparator output inverts from high to low, VOUT goes low.
The device has hysteresis to prevent the circuit from oscillation when VB ≈ VREF.
If VCC falls below the minimum operating voltage, the output becomes undefined.
The detectable voltage is defined as:
()
REF
V
RC
RB
RC
RB
RA
DET
V
×
+
+
+
=
−
The release voltage is defined as:
()
REF
V
RB
RB
RA
DET
V
×
+
=
+
The hysteresis width is:
)
(
DET
V
)
DET
HYS
V
(
V
−
−
=
+
2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com