Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IA0204-R56KO Datasheet(PDF) 1 Page - RFE international

Part # IA0204-R56KO
Description  THRU-HOLE INDUCTORS IA Series: Axial Leaded, Low Current
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

IA0204-R56KO Datasheet(HTML) 1 Page - RFE international

  IA0204-R56KO Datasheet HTML 1Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
C4C02
REV 2004.5.24
THRU-HOLE INDUCTORS
IA Series: Axial Leaded, Low Current
•Epoxy coated
•Operating temperature: -25°C to 85°C
FEATURES
A
d
l
B
HOW TO MAKE A PART NUMBER
IA0204 - 3R9 K R
(1)
(2)
(3) (4)
1 - Size Code
2 - Inductance Code
3 - Tolerance Code (K or M)
4 - Packaging: R - Tape & Reel
A - Tape & Ammo*
Omit for Bulk
Test
Q
SRF
RDC
IDC
Q
SRF
RDC
IDC
Q
SRF
RDC
IDC
Q
SRF
RDC
IDC
Code uH
±% Code FREQ.
(min)
MHz
W
mA
(min)
MHz
W
mA
(min)
MHz
W
mA
(min)
MHz
W
mA
(MHz)
(min)
(max)
(max)
(min)
(max)
(max)
(min)
(max)
(max)
(min)
(max)
(max)
R10
.10
20
M
25.2
35
300
0.18
700
45
480
0.06
1400
50
480
0.06
1700
R12
.12
20
M
25.2
35
300
0.20
660
45
450
0.06
1350
50
450
0.06
1640
R15
.15
20
M
25.2
35
300
0.22
620
45
420
0.07
1270
50
420
0.07
1560
R18
.18
20
M
25.2
35
300
0.24
600
45
400
0.07
1200
50
400
0.07
1480
R22
.22
20
M
25.2
35
150
0.40
400
45
380
0.08
1150
50
200.0
0.08
1400
50
380
0.08
1400
R27
.27
20
M
25.2
35
150
0.43
380
45
360
0.09
1110
50
180.0
0.09
1350
50
340
0.09
1320
R33
.33
20
M
25.2
35
150
0.48
370
45
320
0.10
1110
50
160.0
0.10
1300
50
300
0.10
1280
R39
.39
20
M
25.2
35
150
0.51
350
45
310
0.12
1000
50
140.0
0.11
1250
50
280
0.12
1200
R47
.47
20
M
25.2
35
150
.0.56
330
45
300
0.12
1000
50
130.0
0.12
1200
50
250
0.13
1150
R56
.56
20
M
25.2
35
150
0.61
320
45
280
0.18
950
50
120.0
0.14
1150
50
230
0.14
1100
R68
.68
20
M
25.2
35
150
0.67
310
45
240
0.20
900
50
120.0
0.15
1100
50
210
0.15
1030
R82
.82
20
M
25.2
35
150
0.74
290
45
200
0.22
900
50
90.0
0.16
1050
50
172
0.16
980
1R0
1.0
20
M
25.2
35
150
0.80
270
45
180
0.25
815
50
85.0
0.17
1000
50
157
0.17
920
1R2
1.2
20
M
7.96
40
11
0.90
260
45
160
0.28
740
50
80.0
0.18
900
50
144
0.18
880
1R5
1.5
20
M
7.96
40
80
1.00
250
45
140
0.30
700
50
75.0
0.20
800
50
131
0.20
830
1R8
1.8
20
M
7.96
40
60
1.10
240
45
120
0.35
655
50
57.0
0.22
770
50
121
0.22
790
2R2
2.2
20
M
7.96
40
45
1.20
230
45
110
0.40
630
50
47.0
0.24
750
50
110
0.24
750
2R7
2.7
20
M
7.96
40
40
1.30
220
45
85
0.45
595
50
42.0
0.26
710
60
100
0.25
720
3R3
3.3
10
K
7.96
40
38
1.40
210
45
74
0.50
575
50
37.0
0.28
670
60
94
0.30
670
3R9
3.9
10
K
7.96
40
35
1.50
200
45
62
0.55
555
50
35.0
0.30
620
60
86
0.35
640
4R7
4.7
10
K
7.96
40
32
1.70
190
45
48
0.60
530
50
31.0
0.34
560
70
80
0.40
620
5R6
5.6
10
K
7.96
40
30
1.90
180
45
35
0.65
500
50
27.0
0.45
540
70
74
0.45
590
6R8
6.8
10
K
7.96
40
28
2.00
175
45
28
0.70
470
50
25.0
0.50
520
70
68
0.50
550
8R2
8.2
10
K
7.96
40
26
2.20
165
45
20
0.80
425
50
23.0
0.57
490
80
53
0.60
530
100
10
10
K
7.96
40
24
2.50
160
45
18
0.85
370
50
21.0
0.62
460
80
40
0.65
500
120
12
10
K
2.52
40
22
2.50
150
45
16
0.90
350
50
18.0
0.90
360
70
34
0.70
480
150
15
10
K
2.52
40
20
2.80
145
45
14
1.00
335
50
16.0
1.00
340
70
20
0.75
460
180
18
10
K
2.52
40
18
3.10
140
45
12
1.20
315
50
15.0
1.10
310
60
14
0.80
430
220
22
10
K
2.52
40
17
3.40
100
45
10
135
285
50
13.0
1.20
280
60
909
0.90
410
270
27
10
K
2.52
40
16
4.30
80
45
9
1.80
270
50
12.0
1.30
260
50
7.6
1.00
390
330
33
10
K
2.52
40
14
4.70
75
45
8
2.10
255
50
11.0
1.70
240
50
6.5
1.10
370
390
39
10
K
2.52
40
13
5.20
74
45
7.5
2.30
240
50
10.0
1.90
220
50
6.5
1.20
350
470
47
10
K
2.52
40
12
5.80
70
50
7
2.60
205
50
10.0
2.20
210
45
6.3
1.30
340
560
56
10
K
2.52
40
11
6.40
68
50
6.5
2.90
195
50
9.0
2.40
190
45
6.2
1.50
320
680
68
10
K
2.52
40
10
7.20
64
50
6
3.20
185
50
8.5
3.00
175
40
5.7
1.80
305
820
82
10
K
2.52
40
9.5
11.0
46
50
5.5
3.80
175
50
8.0
3.30
165
35
5.3
2.00
290
101
100
10
K
2.52
40
9.0
12.0
44
50
5
4.20
165
50
7.0
4.00
155
30
4.8
2.50
275
121
120
10
K
0.796
40
8.0
13.0
42
50
4.8
4.50
160
50
6.5
4.50
145
60
3.8
3.00
185
151
150
10
K
0.796
40
6.0
16.0
39
50
4.5
5.00
150
50
6.0
4.90
130
60
3.5
4.00
175
181
180
10
K
0.796
40
5.5
18.0
37
50
4
6.00
140
50
5.3
6.00
125
60
3.0
4.50
165
221
220
10
K
0.796
40
5.0
20.0
35
50
3.5
7.00
130
50
5.0
7.00
120
60
2.8
5.00
155
271
270
10
K
0.796
40
4.6
25.0
28
50
3
7.50
120
50
4.6
9.00
105
60
2.6
6.00
145
331
330
10
K
0.796
40
4.2
30.0
26
50
2.8
8.00
100
50
4.2
13.00
95
60
2.4
6.50
137
391
390
10
K
0.796
40
3.8
34.0
25
50
2.6
10.0
95
50
3.8
15.00
90
55
2.0
7.50
133
471
470
10
K
0.796
40
3.5
38.0
24
50
2.4
13.0
90
50
3.4
17.00
80
50
1.8
8.50
126
561
560
10
K
0.796
50
2.0
15.0
85
50
2.8
19.00
75
50
1.6
9.50
120
681
680
10
K
0.796
50
1.8
16.0
75
50
2.6
21.00
70
45
1.6
12.0
113
821
820
10
K
0.796
50
1.6
23.0
65
50
2.4
25.00
60
45
1.4
14.0
105
102 1000 10
K
0.796
50
1.4
26.0
60
50
2.2
31.00
55
40
1.2
20.0
85
IA0405
Size:A=4.8(max),B=3.8(max)
D=0.6, l=25(typ.)
Inductance Tolerance
Size:A=3.4(max),B=2.3(max)
IA0204
d=0.45,
l=20(typ.)
IA0307
Size:A=7.5(max),B=3.0(max)
d=0.5, l=25(typ.)
IA0410
Size:A=10.5(max),B=4.0(max)
d=0.65, I=25(typ.)
Other similar sizes (IA 0205 and IA 0512) and specifications can be available.
Contact RFE International Inc. For details.
* T-52 Tape & Ammo Pack, per EIA RS-296, is standard tape package.
RFE International • Tel:(949) 833-1988 • Fax:(949) 833-1788 • E-Mail Sales@rfeinc.com


Similar Part No. - IA0204-R56KO

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
IA0305D XPPOWER-IA0305D Datasheet
98Kb / 1P
1 Watt IA Series
IA0305S XPPOWER-IA0305S Datasheet
225Kb / 1P
Dual Output
IA0305S XPPOWER-IA0305S Datasheet
98Kb / 1P
1 Watt IA Series
IA0305S XPPOWER-IA0305S Datasheet
98Kb / 1P
Dual Output
IA0305S XPPOWER-IA0305S Datasheet
98Kb / 1P
Dual Output
More results

Similar Description - IA0204-R56KO

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AICC-00 ABRACON-AICC-00 Datasheet
155Kb / 4P
THRU-HOLE AXIAL CONFORMAL COATED INDUCTORS
logo
RFE international
IRB0406 RFE-IRB0406 Datasheet
104Kb / 2P
THRU-HOLE INDUCTORS IR Series: Radial Leaded, Low to Medium Current
logo
Vishay Siliconix
IHD1ER470L VISHAY-IHD1ER470L Datasheet
77Kb / 4P
Filter Inductors, High Current, Axial Leaded
04-Feb-11
logo
Taiyo Yuden (U.S.A.), I...
LAL03TB470K TAIYO-YUDEN-LAL03TB470K Datasheet
615Kb / 23P
AXIAL LEADED INDUCTORS
logo
Vishay Siliconix
IHD1BH680L VISHAY-IHD1BH680L Datasheet
77Kb / 4P
Filter Inductors, High Current, Axial Leaded
04-Feb-11
logo
List of Unclassifed Man...
LAL04 ETC2-LAL04 Datasheet
615Kb / 23P
AXIAL LEADED INDUCTORS
logo
Taiyo Yuden (U.S.A.), I...
LAL02TB3R3K TAIYO-YUDEN-LAL02TB3R3K Datasheet
138Kb / 1P
Axial Leaded Inductors
LAL02TB6R8K TAIYO-YUDEN-LAL02TB6R8K Datasheet
138Kb / 1P
Axial Leaded Inductors
logo
Vishay Siliconix
IHA VISHAY-IHA_V01 Datasheet
89Kb / 3P
Filter Inductors, High Current, Axial Leaded
07-Aug-12
IHD VISHAY-IHD_V01 Datasheet
78Kb / 4P
Filter Inductors, High Current, Axial Leaded
04-Feb-11
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com