Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BVT-5M5TG4 Datasheet(PDF) 1 Page - Bright View Electronic Co., LTD.

Part # BVT-5M5TG4
Description  ULTRA BRIGHTNESS LED LAMP
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BVLED [Bright View Electronic Co., LTD.]
Direct Link  http://www.bvled.com.tw
Logo BVLED - Bright View Electronic Co., LTD.

BVT-5M5TG4 Datasheet(HTML) 1 Page - Bright View Electronic Co., LTD.

  BVT-5M5TG4 Datasheet HTML 1Page - Bright View Electronic Co., LTD. BVT-5M5TG4 Datasheet HTML 2Page - Bright View Electronic Co., LTD. BVT-5M5TG4 Datasheet HTML 3Page - Bright View Electronic Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BRIGHT VIEW
ELECTRONICS CO.,LTD
Dice Material : AlGaInP Yellow
Light Color : Yellow Color
Lens Color : Water Transparent
Stand-Off P/N : BVU-5M5TG4 R
RADIATION PATTERN
Tolerance ± 0.25
ABSOLUTE MAXIMUM RATINGS AT Ta = 25
UNIT
mW
mA
mA
V
mA/
oC
ELECTRICAL / OPTICAL CHARACTERISTICS AT Ta = 25
SYMBOL
UNIT
V F
V
I R
A
n m
n m
2
1/2
Deg
BIN GRADE LIMITS ( I F = 20 mA ) LUMINOUS INTENSITY / mcd
Bin
P
Q
R
S
T
U
Min.
4650
6000
7800
10000
13000 16800
Max.
6000
7800
10000
13000
16800 21800
2004/5/13 – A
*Dominant Wavelength,
d is according to CIE Chromaticity Diagram base on color of lamps.
* 1/2 is the off-axis angle where the luminous intensity is one half the on-axis intensity.
Viewing Angle
I F = 20 mA
30
*Bright View reserves the rights to alter specifications and remove availability of products at any time without notice.
Tolerance ± 15%mcd
Dominant Wavelength
I F = 20 mA
590
Peak Emission Wavelength
I F = 20 mA
592
2.7
Reverse Current
V R= 5V
100
Forward Voltage
I F = 20 mA
2.2
Lead Solder Temperature 1.6 mm Below Package 260
for 5 seconds
PARAMETER
TEST COND.
MIN.
TYP.
MAX.
Operating Temperature Range
40
to
100
Storage Temperature Range
40
to
100
Reverse Voltage
5
Derating Linear From 50
0.4
Continuous Forward Current
30
Peak Forward Current ( 1/10 Duty Cycle , 0.1ms Pulse Width )
160
PARAMETER
MAX.
Power Dissipation
80
PACKAGE CONFIGURATION
ULTRA BRIGHTNESS LED LAMP
DESCRIPTION
BVU-5M5TG4
BVT-5M5TG4
CATHODE
CATHODE
1.3
5.9
5.9
4.9
5.0
7.6
1.0
25.4Min.
2.54
11.8 0.5
2.54
25.4Min.
1.0
1.0Min.
0.5
1.0Max.
60
0
30
-60
-30
Relative Luminous Intensity ( Iv % )
0
25
50
75
100
25
50
75 100


Similar Part No. - BVT-5M5TG4

ManufacturerPart #DatasheetDescription
logo
Bright View Electronic ...
BVT-5E1QG4 BVLED-BVT-5E1QG4 Datasheet
256Kb / 3P
ULTRA BRIGHTNESS LED LAMP
BVT-5E1TG4 BVLED-BVT-5E1TG4 Datasheet
256Kb / 3P
ULTRA BRIGHTNESS LED LAMP
BVT-5K5QG4 BVLED-BVT-5K5QG4 Datasheet
256Kb / 3P
ULTRA BRIGHTNESS LED LAMP
BVT-5K5TG4 BVLED-BVT-5K5TG4 Datasheet
255Kb / 3P
ULTRA BRIGHTNESS LED LAMP
BVT-5T6TH4 BVLED-BVT-5T6TH4 Datasheet
249Kb / 3P
SUPER BRIGHTNESS LED LAMP
More results

Similar Description - BVT-5M5TG4

ManufacturerPart #DatasheetDescription
logo
AUK corp
SR5323-U AUK-SR5323-U Datasheet
277Kb / 3P
Ultra Brightness LED Lamp
logo
LUXPIA
LYU5000 LUXPIA-LYU5000 Datasheet
191Kb / 6P
Ultra Brightness LED Lamp
LGH5090 LUXPIA-LGH5090 Datasheet
134Kb / 6P
Ultra Brightness LED Lamp
LOU5020 LUXPIA-LOU5020 Datasheet
142Kb / 7P
Ultra Brightness LED Lamp
logo
Bright View Electronic ...
BVU-3P0QT4 BVLED-BVU-3P0QT4 Datasheet
240Kb / 4P
ULTRA BRIGHTNESS LED LAMP
BVU-3X16WI4 BVLED-BVU-3X16WI4 Datasheet
194Kb / 5P
ULTRA BRIGHTNESS LED LAMP
BVU-5E1BA4 BVLED-BVU-5E1BA4 Datasheet
326Kb / 5P
ULTRA BRIGHTNESS LED LAMP
BVU-5E1GN4 BVLED-BVU-5E1GN4 Datasheet
251Kb / 5P
ULTRA BRIGHTNESS LED LAMP
BVU-5K5QT4 BVLED-BVU-5K5QT4 Datasheet
240Kb / 4P
ULTRA BRIGHTNESS LED LAMP
BVU-5M5WI4 BVLED-BVU-5M5WI4 Datasheet
193Kb / 5P
ULTRA BRIGHTNESS LED LAMP
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com