Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG201BDK Datasheet(PDF) 2 Page - Vishay Siliconix

Part # DG201BDK
Description  Improved Quad CMOS Analog Switches
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG201BDK Datasheet(HTML) 2 Page - Vishay Siliconix

  DG201BDK Datasheet HTML 1Page - Vishay Siliconix DG201BDK Datasheet HTML 2Page - Vishay Siliconix DG201BDK Datasheet HTML 3Page - Vishay Siliconix DG201BDK Datasheet HTML 4Page - Vishay Siliconix DG201BDK Datasheet HTML 5Page - Vishay Siliconix DG201BDK Datasheet HTML 6Page - Vishay Siliconix DG201BDK Datasheet HTML 7Page - Vishay Siliconix DG201BDK Datasheet HTML 8Page - Vishay Siliconix DG201BDK Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
DG201B/202B
Vishay Siliconix
www.vishay.com
S FaxBack 408-970-5600
4-2
Document Number: 70037
S-52433—Rev. G, 06-Sep-99
ORDERING INFORMATION
Temp Range
Package
Part Number
40
85 C
16-Pin Plastic DIP
DG201BDJ
40
85 C
16-Pin Plastic DIP
DG202BDJ
40
85 C
16-Pin CerDIP
DG201BDK
–40 to 85
_C
16-Pin CerDIP
DG202BDK
–40 to 85
_C
16-Pin Narrow SOIC
DG201BDY
16-Pin Narrow SOIC
DG202BDY
16-Pin TSSOP
DG201BDQ
16-Pin TSSOP
DG202BDQ
55
125 C
16 Pi C DIP
DG201BAK
–55 to 125
_C
16-Pin CerDIP
DG201BAK/883
–55 to 125
_C
16-Pin CerDIP
DG202BAK
DG202BAK/883
ABSOLUTE MAXIMUM RATINGS
Voltages Referenced to V–
V+
44 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
GND
25 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Digital Inputsa VS, VD
(V–) –2 V to (V+) +2 V
. . . . . . . . . . . . . . . . . . . . . . . . . .
or 30 mA, whichever occurs first
Current, Any Terminal
30 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Peak Current, S or D
(Pulsed at 1 ms, 10% duty cycle max)
100 mA
. . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature
(AK, DK Suffix)
–65 to 150
_C
. . . . . . . . . . . . . .
(DJ, DY, DQ Suffix)
–65 to 125
_C
. . . . . . . . . .
Power Dissipation (Package)b
16-Pin Plastic DIPc
470 mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
16-Pin Narrow SOIC and TSSOPd
640 mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
16-Pin CerDIPe
900 mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Notes:
a.
Signals on SX, DX, or INX exceeding V+ or V– will be clamped by internal
diodes. Limit forward diode current to maximum current ratings.
b.
All leads welded or soldered to PC Board.
c.
Derate 6.5 mW/
_C above 75_C
d.
Derate 7.6 mW/
_C above 75_C
e.
Derate 12 mW/
_C above 75_C
SCHEMATIC DIAGRAM (TYPICAL CHANNEL)
FIGURE 1.
DX
SX
V+
INX
V–
Level
Shift/
GND
V+
V–
5 V
Reg
Drive



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com