Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BVT-439TT9 Datasheet(PDF) 1 Page - Bright View Electronic Co., LTD.

Part # BVT-439TT9
Description  OVAL LED LAMP
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BVLED [Bright View Electronic Co., LTD.]
Direct Link  http://www.bvled.com.tw
Logo BVLED - Bright View Electronic Co., LTD.

BVT-439TT9 Datasheet(HTML) 1 Page - Bright View Electronic Co., LTD.

  BVT-439TT9 Datasheet HTML 1Page - Bright View Electronic Co., LTD. BVT-439TT9 Datasheet HTML 2Page - Bright View Electronic Co., LTD. BVT-439TT9 Datasheet HTML 3Page - Bright View Electronic Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BRIGHT VIEW
ELECTRONICS CO.,LTD
Dice Material : AlInGaP/GaP Yellow
Light Color : Yellow Color
Lens Color : Yellow Tinted Diffused
Stand-Off P/N : BVU-439TT9 R
RADIATION PATTERN
Tolerance ± 0.25
ABSOLUTE MAXIMUM RATINGS AT Ta = 25
UNIT
mW
mA
mA
V
mA/
oC
ELECTRICAL / OPTICAL CHARACTERISTICS AT Ta = 25
SYMBOL
UNIT
V F
V
I R
A
n m
n m
2
1/2
Deg
BIN GRADE LIMITS ( I F = 20 mA ) LUMINOUS INTENSITY / mcd
Bin
F
G
H
I
J
K
Min.
360
465
600
780
1000
1300
Max.
465
600
780
1000
1300
1680
2002/10/16 – A
OVAL LED LAMP
BVU-439TT9
DESCRIPTION
PACKAGE CONFIGURATION
BVT-439TT9
PARAMETER
MAX.
Power Dissipation
80
Continuous Forward Current
30
Peak Forward Current ( 1/10 Duty Cycle , 0.1ms Pulse Width )
160
Reverse Voltage
5
Derating Linear From 50
0.4
Operating Temperature Range
40
to
100
Storage Temperature Range
40
to
100
Lead Solder Temperature 1.6 mm Below Package 260
for 5 seconds
PARAMETER
TEST COND.
MIN.
TYP.
MAX.
2.8
Reverse Current
V R= 5V
100
Forward Voltage
I F = 20 mA
2.3
Dominant Wavelength
I F = 20 mA
590
Peak Emission Wavelength
I F = 20 mA
592
*Bright View reserves the rights to alter specifications and remove availability of products at any time without notice.
*Dominant Wavelength,
d is according to CIE Chromaticity Diagram base on color of lamps.
*
1/2 is the off-axis angle where the luminous intensity is one half the on-axis intensity.
Tolerance ± 15%mcd
Viewing Angle
I F = 20 mA
100/40
CATHODE
CATHODE
4.3
4.1
4.3
6.5
4.3
4.1
4.3
2.54
25.4Min.
2.54
1.0Min
0.5
25.4Min.
10.2
0.5
1.
3
1.0
3.2
3.2
1.0Max.
parallel
orientation
Leadframe
100
-60
30
-30
75
25
050
50
75
Relative Luminous Intensity ( Iv % )
25
60
100
0


Similar Part No. - BVT-439TT9

ManufacturerPart #DatasheetDescription
logo
Bright View Electronic ...
BVT-5E1QG4 BVLED-BVT-5E1QG4 Datasheet
256Kb / 3P
ULTRA BRIGHTNESS LED LAMP
BVT-5E1TG4 BVLED-BVT-5E1TG4 Datasheet
256Kb / 3P
ULTRA BRIGHTNESS LED LAMP
BVT-5K5QG4 BVLED-BVT-5K5QG4 Datasheet
256Kb / 3P
ULTRA BRIGHTNESS LED LAMP
BVT-5K5TG4 BVLED-BVT-5K5TG4 Datasheet
255Kb / 3P
ULTRA BRIGHTNESS LED LAMP
BVT-5M5TG4 BVLED-BVT-5M5TG4 Datasheet
257Kb / 3P
ULTRA BRIGHTNESS LED LAMP
More results

Similar Description - BVT-439TT9

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
LM2BG08W SUNLED-LM2BG08W Datasheet
184Kb / 4P
OVAL LED LAMP
LMDG08W SUNLED-LMDG08W Datasheet
183Kb / 4P
OVAL LED LAMP
logo
Bright View Electronic ...
BVU-359BA9 BVLED-BVU-359BA9 Datasheet
326Kb / 5P
OVAL LED LAMP
BVU-439BA9 BVLED-BVU-439BA9 Datasheet
327Kb / 5P
OVAL LED LAMP
BVU-529GN8 BVLED-BVU-529GN8 Datasheet
327Kb / 5P
OVAL LED LAMP
BVU-559QT9 BVLED-BVU-559QT9 Datasheet
252Kb / 3P
OVAL LED LAMP
logo
Marktech Corporate
MT5470A-LWT MARKTECH-MT5470A-LWT Datasheet
247Kb / 6P
OVAL LED LAMP
MT5470-BL MARKTECH-MT5470-BL Datasheet
182Kb / 6P
OVAL LED LAMP
MT5470D-UY MARKTECH-MT5470D-UY Datasheet
415Kb / 6P
OVAL LED LAMP
MT5470A-LWT MARKTECH-MT5470A-LWT_15 Datasheet
247Kb / 6P
OVAL LED LAMP
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com