Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FARM1C23 Datasheet(PDF) 2 Page - Vicor Corporation

Part # FARM1C23
Description  FARM Filter/ Autoranging Rectifier Module
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

FARM1C23 Datasheet(HTML) 2 Page - Vicor Corporation

  FARM1C23 Datasheet HTML 1Page - Vicor Corporation FARM1C23 Datasheet HTML 2Page - Vicor Corporation FARM1C23 Datasheet HTML 3Page - Vicor Corporation FARM1C23 Datasheet HTML 4Page - Vicor Corporation FARM1C23 Datasheet HTML 5Page - Vicor Corporation FARM1C23 Datasheet HTML 6Page - Vicor Corporation FARM1C23 Datasheet HTML 7Page - Vicor Corporation FARM1C23 Datasheet HTML 8Page - Vicor Corporation FARM1C23 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Vicor Corp. Tel: 800-735-6200, 978-470-2900 Fax: 978-475-6715
FARM, Filter/Autoranging Rectifier Module
Rev. 4.7
Page 2 of 12
Set your site on VICOR at www.vicorpower.com
PRELIMINARY
Parameter
Min
Typ
Max
Unit
Notes
Operating input voltage
90
132
Vac
Autoranging (doubler mode)
Operating input voltage
180
264
Vac
Autoranging (bridge mode)
Input undervoltage
90
Vac
No damage
AC line frequency
47
63
Hz
C–Grade
AC line frequency
47
880
Hz
T–Grade
Power factor
0.60
0.65
Typical line
Inrush current
FARM1xxx
30
Amps
264Vac peak line, cold start
FARM2xxx
60
Amps
264Vac peak line, cold start
Input surge withstand
2kV – 50 µs common mode
EN61000-4-5
1kV – 50 µs differential mode
SAFETY SPECIFICATIONS (FARM1xxx, FARM2xxx)
MODULE INPUT SPECIFICATIONS (FARM1xxx, FARM2xxx)
MODULE OUTPUT SPECIFICATIONS
Electrical Characteristics
Electrical characteristics apply over the full operating range of input voltage, output power and baseplate temperature, unless
otherwise specified. All temperatures refer to the operating temperature at the center of the baseplate. Specifications apply for
AC mains having up to 5% total harmonic distortion.
Parameter
Min
Typ
Max
Unit
Notes
Safety approvals
UL 1950, CSA 22.2 No. 950,
TÜV, VDE, EN60950, CE Marked
Isolation voltage (in to out)
None
Isolation provided by DC-DC converter(s)
Isolation voltage (I/O to baseplate)
1500
Volts, rms
Leakage current
1.2
mA
264Vac
FARM1xxx
FARM2xxx
Parameter
Min
Typ
Max
Min
Typ
Max
Unit
Notes
Output power
0
500
0
750
Watts
90-132Vac
Output power
0
750
0
1000
Watts
180-264Vac
Efficiency, 120Vac
94
96
94
96
%
Efficiency, 240Vac
94
96
94
96
%
Output voltage
250
370
250
370
Vdc
90-264Vac
Hold-up capacitance
1,800
3,300
µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com