Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

URAM2MS1 Datasheet(PDF) 5 Page - Vicor Corporation

Part # URAM2MS1
Description  Output Ripple Attenuation Module
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

URAM2MS1 Datasheet(HTML) 5 Page - Vicor Corporation

  URAM2MS1 Datasheet HTML 1Page - Vicor Corporation URAM2MS1 Datasheet HTML 2Page - Vicor Corporation URAM2MS1 Datasheet HTML 3Page - Vicor Corporation URAM2MS1 Datasheet HTML 4Page - Vicor Corporation URAM2MS1 Datasheet HTML 5Page - Vicor Corporation URAM2MS1 Datasheet HTML 6Page - Vicor Corporation URAM2MS1 Datasheet HTML 7Page - Vicor Corporation URAM2MS1 Datasheet HTML 8Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Set your site on VICOR at www.vicorpower.com
PRELIMINARY
Vicor Corp. Tel: 800-735-6200, 978-470-2900 Fax: 978-475-6715
MicroRAM
Rev. 1.1
Page 5 of 8
µRAM2xxx
Ripple Attenuation @ 28V (Room Temp.)
-80.00
-60.00
-40.00
-20.00
0.00
20.00
10
100
1,000
10,000
100,000
1,000,000
10,000,000
Freq. (Hz)
10A, 100uF Vref
10A, No Vref Cap
Ripple Attenuation @ 5V (Room Temp.)
-80.00
-60.00
-40.00
-20.00
0.00
20.00
10
100
1,000
10,000
100,000
1,000,000
10,000,000
Freq. (Hz)
10A, 100uF Vref
10A, No Vref Cap
Figure 3a, 3b—Curves demonstrating the small signal attenuation performance as measured on a network analyzer with a typical
module at (a) 28V and 10A output and (b) 5V and 10A. The low frequency attenuation can be enhanced by connecting a 100µF
capacitor, CHR, to the VREF pin as shown in Figures 1 and 2.
Figure 4a-4b—Simulated graphs demonstrating the tradeoff of attenuation versus headroom setting at 20 Amps and an equivalent
100°C baseplate temperature at 3V and 28V.
Figure 4c-4d—MicroRam attenuation vs. power dissipation at 3V 20A, and 28V 20A.
Frequency
10Hz
100Hz
1.0KHz
10KHz
100KHz
1.0MHz
...
DB(V(VOUT))
-75
-50
-25
-0
Vout=3V Iload=20A
100 degrees baseplate temperature
Rhr=28k (Vheadroom=90mV)
27k (100mV)
22k (160mV)
23k (150mV)
24k (135mV)
25k (122mV)
26k (110mV)
17k (260mV)
18k (240mV)
19k (217mV)
20k (197mV)
21k (180mV)
Frequency
10Hz
100Hz
1.0KHz
10KHz
100KHz
1.0MHz
...
DB(V(VOUT))
-75
-50
-25
-0
Rhr=260k (Vheadroom=90mV)
250k (100mV)
240k (110mV)
230k (122mV)
220k (135mV)
210k (150mV)
200k (160mV)
190k (180mV)
180k (197mV)
170k (217mV)
160k (240mV)
150k (260mV)
Vout=28V Iload=20A
100 degrees baseplate temperature
17k
18k
19k
20k
21k
22k
23k
24k
25k
26k
27k
Rhr=28k
-70
-60
-50
-40
-30
-20
-10
3.0
3.5
4.0
4.5
5.0
5.5
6.0
Watts
500khz 3V
1Mhz 3V
100khz 3V
28V 20A
Rhr=260k
250k
240k
230k
220k
210k
200k
190k
180k
170k
160k
150k
-70
-60
-50
-40
-30
-20
-10
3.0
3.5
4.0
4.5
5.0
5.5
6.0
Watts
100khz 28V
500khz 28V
1Mhz 28V
Notes:The measurements in Figures 8-16 were taken with a µRAM2C21 and standard scope probes with a 20MHz bandwidth scope setting. The criteria for transient current
capability was as follows: The transient load current step was incremented from 10A to the peak value indicated, then stepped back to 10A until the resulting output peak to
peak was around 40mV.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com