Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KLP-34RG Datasheet(PDF) 2 Page - KODENSHI_AUK CORP.

Part # KLP-34RG
Description  Light Emitting Diode(InGaAlP/InGaN)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

KLP-34RG Datasheet(HTML) 2 Page - KODENSHI_AUK CORP.

  KLP-34RG Datasheet HTML 1Page - KODENSHI_AUK CORP. KLP-34RG Datasheet HTML 2Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Light Emitting Diode(InGaAlP/InGaN)
2/2
KLP-34RG-X-X
0
0.2
0.4
0.6
0.8
1
1.2
450 500 550 600 650 700 750
Wave Length[nm]
Forward current vs.
Ambient temperature
Radiant Intensity vs.
Forward current
Relative radiant intensity vs.
Ambient temperature
Forward current Vs.
Forward voltage
Relative intensity vs.
Wavelength
Radiant Pattern
Ambient temperature Ta
Forward current IF
Ambient temperature Ta
Forward voltage VF
Relative intensity(%)
Angle(deg)
100
0.1
-20
40
20
080
60
10
1
(℃)
50
+20
100
+4
0
50
0
100
-20
50
0
-40
0
0
5
10
0.5
1
(IF)
1.5
15
20
25
30
35
RED
GREEN
1.5
0
0
0.5 1.0
5
15
10
3.0
2.0 2.5
3.5
(V)
(㎃)
30
25
20
GREEN
RED
80
100
40
0
020
40
60
10
20
30
50
(IF)
(℃)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com