Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BVZ-914WI4 Datasheet(PDF) 1 Page - Bright View Electronic Co., LTD.

Part # BVZ-914WI4
Description  SUPER FLUX LED
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BVLED [Bright View Electronic Co., LTD.]
Direct Link  http://www.bvled.com.tw
Logo BVLED - Bright View Electronic Co., LTD.

BVZ-914WI4 Datasheet(HTML) 1 Page - Bright View Electronic Co., LTD.

  BVZ-914WI4 Datasheet HTML 1Page - Bright View Electronic Co., LTD. BVZ-914WI4 Datasheet HTML 2Page - Bright View Electronic Co., LTD. BVZ-914WI4 Datasheet HTML 3Page - Bright View Electronic Co., LTD. BVZ-914WI4 Datasheet HTML 4Page - Bright View Electronic Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BRIGHT VIEW
ELECTRONICS CO.,LTD
DESCRIPTION
Dice Material : GaN Blue
Light Color : White Color
Lens Color : Water Transparent
ESD : 2000V (HBM)
RADIATION PATTERN
Tolerance ± 0.25
ABSOLUTE MAXIMUM RATINGS AT Ta = 25
UNIT
mW
mA
mA
V
mA/
oC
oC
oC
oC
ELECTRICAL / OPTICAL CHARACTERISTICS AT Ta = 25
SYMBOL
UNIT
V F
I F = 30mA
V
I R
V R = 5V
A
2
1/2
I F = 30mA
Deg
V /
V
cd/lm
R
j-pin
oC/W
BIN GRADE LIMITS ( I F = 30 mA ) CHROMATICITY COORDINATES
x
0.26
0.26
0.29
0.29
x
0.32
0.32
0.35
0.35
y
0.24
0.28
0.32
0.28
y
0.33
0.37
0.41
0.37
x
0.29
0.29
0.32
0.32
x
0.35
0.35
0.38
0.38
y
0.28
0.32
0.37
0.33
y
0.37
0.41
0.45
0.41
BIN GRADE LIMITS ( I F = 30 mA ) Total Flux / lm
Bin
E
F
G
H
I
J
*These products are sensitive to static
Min.
2.2
2.8
3.6
4.7
6.0
7.8
electricity.Caution must be taken strictly
Max.
2.8
3.6
4.7
6.0
7.8
10.0
to avoid static electricity.
Tolerance ± 15%lm
*Chromaticity Coordinates,x.y is according to CIE Chromaticity Diagram base on color of the device.
*
1/2 is the off-axis angle where the luminous intensity is one half the on-axis intensity.
– B
SUPER FLUX LED
*Bright View reserves the rights to alter specifications and remove availability of products at any time without notice.
40
Operating Temperature Range
Storage Temperature Range
1.2
Derating Linear From 25°C
2005/5/23
125
WC
WD
Viewing Angle
WA
One delivery will include three different ranks of products.
Measurement Uncertainty of the color coordinates : ±0.02
Luminous Intensity / Total Flux
Thermal Resistance
WB
TYP.
10
Reverse Current
0.4
MAX.
Forward Voltage
3.2
4
PARAMETER
TEST COND.
MIN.
Continuous Forward Current
30
260 °C for 5 seconds
BVZ-914WI4
PARAMETER
MAX.
Power Dissipation
120
5
Soldering Preheat Temperature
Lead Solder Temperature ( 1.5mm Below Seating Plane )
100 °C for 30 seconds
55 to
100
30 to
80
LED Junction Temperature
125
Peak Forward Current ( 1/10 Duty Cycle , 0.1ms Pulse Width )
100
Reverse Voltage
PACKAGE CONFIGURATION
2 X R 0.69
0.20
7.62
0.5
0.4
5.08
0.3
1.9
3.0
1.25 X 1.25
ANODE
CATHODE
5.08
0.76
5.0
1.55
4.4
7.62
0.5
0.5
2.5
5.0
0
Viewlng Angle
100
20
40
60
80
-20
-40
-60
-80
75
50
25
0


Similar Part No. - BVZ-914WI4

ManufacturerPart #DatasheetDescription
logo
Bright View Electronic ...
BVZ-914GN4 BVLED-BVZ-914GN4 Datasheet
262Kb / 4P
SUPER FLUX LED
BVZ-914QS4 BVLED-BVZ-914QS4 Datasheet
262Kb / 3P
SUPER FLUX LED
BVZ-914QT4 BVLED-BVZ-914QT4 Datasheet
247Kb / 3P
SUPER FLUX LED
BVZ-914TH4 BVLED-BVZ-914TH4 Datasheet
171Kb / 3P
SUPER FLUX LED
BVZ-914TT4 BVLED-BVZ-914TT4 Datasheet
247Kb / 3P
SUPER FLUX LED
More results

Similar Description - BVZ-914WI4

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
BTF-37BLCS-XX-X DBLECTRO-BTF-37BLCS-XX-X Datasheet
121Kb / 2P
SUPER FLUX LED
BTF-57BLCS-XX-X DBLECTRO-BTF-57BLCS-XX-X Datasheet
121Kb / 2P
SUPER FLUX LED
logo
Bright View Electronic ...
BVZ-914GN4 BVLED-BVZ-914GN4 Datasheet
262Kb / 4P
SUPER FLUX LED
BVZ-914QS4 BVLED-BVZ-914QS4 Datasheet
262Kb / 3P
SUPER FLUX LED
BVZ-915QT4 BVLED-BVZ-915QT4 Datasheet
194Kb / 3P
SUPER FLUX LED
BVZ-916QH4 BVLED-BVZ-916QH4 Datasheet
253Kb / 3P
SUPER FLUX LED
BVZ-916QT4 BVLED-BVZ-916QT4 Datasheet
192Kb / 3P
SUPER FLUX LED
BVZ-922QT4 BVLED-BVZ-922QT4 Datasheet
248Kb / 3P
SUPER FLUX LED
BVZ-922TT4 BVLED-BVZ-922TT4 Datasheet
248Kb / 3P
SUPER FLUX LED
logo
List of Unclassifed Man...
QBPP350C-IB ETC1-QBPP350C-IB Datasheet
467Kb / 6P
Super Flux LED
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com