Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EN1CS3 Datasheet(PDF) 9 Page - Vicor Corporation

Part # EN1CS3
Description  ENMods Component Power Front End System for EN Compliance
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

EN1CS3 Datasheet(HTML) 9 Page - Vicor Corporation

Back Button EN1CS3 Datasheet HTML 4Page - Vicor Corporation EN1CS3 Datasheet HTML 5Page - Vicor Corporation EN1CS3 Datasheet HTML 6Page - Vicor Corporation EN1CS3 Datasheet HTML 7Page - Vicor Corporation EN1CS3 Datasheet HTML 8Page - Vicor Corporation EN1CS3 Datasheet HTML 9Page - Vicor Corporation EN1CS3 Datasheet HTML 10Page - Vicor Corporation EN1CS3 Datasheet HTML 11Page - Vicor Corporation EN1CS3 Datasheet HTML 12Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Set your site on VICOR at www.vicorpower.com
PRELIMINARY
Vicor Corp. Tel: 800-735-6200, 978-470-2900 Fax: 978-475-6715
ENMods System: FARM3 and MiniHAM
Rev. 1.3
Page 9 of 12
Output Voltage
40
45
50
55
60
65
70
75
80
50
30
15
5
2
Figure 17—Converter ripple rejection vs. output voltage
*
Operating Power (W)
0
5
10
15
20
25
30
35
40
2200
µF
1600
µF
1300
µF
500
250
1100
µF
820
µF
680
µF
*
Figure 14—Hold-up time vs. operating power and total bus
capacitance, series combination of C1, C2 (see Figure 1a)
Operating Power (W)
0
5
10
15
20
25
30
2200
µF
1600
µF
1300
µF
500
250
*
1100
µF
820
µF
680
µF
*
Figure 16—Ripple voltage vs. operating power and bus
capacitance, series combination of C1, C2 (see Figure 1a)
Operating Power (W)
0
10
20
30
40
50
60
70
80
90
100
90Vac
115Vac
500
250
Total
capacitance
820
µF
Figure 15—Ride-through time vs. operating power
Figure 13—Hold-up time
π – θθ
205V
185V
Power
Fail
Power Fail
Warning
B OK
Converter
Shutdown
Hold-up Time
254V
Ride-Thru Time
Ripple (V p-p)
Application Note (continued)
N
EMI GND
SR
L
+
BOK
ST
EN
–
Micro-
controller
15 Vdc
27k
Ω
+5 Vdc
Secondary
referenced
FARM3
Figure 12—Bus OK (BOK) isolated power status indicator
+In
PC (Gate In)
PR (Gate Out)
–In
N
EMI GND
SR
L
+
B OK
ST
EN
–
150k
15Vdc
Vicor DC-DC
Converter
Micro-
controller
FARM3
Figure 11—Enable (EN) function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com