Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VG37648041AT Datasheet(PDF) 71 Page - Vanguard International Semiconductor

Part # VG37648041AT
Description  256M:x4, x8, x16 CMOS Synchronous Dynamic RAM
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VML [Vanguard International Semiconductor]
Direct Link  http://www.vis.com.tw
Logo VML - Vanguard International Semiconductor

VG37648041AT Datasheet(HTML) 71 Page - Vanguard International Semiconductor

Back Button VG37648041AT Datasheet HTML 67Page - Vanguard International Semiconductor VG37648041AT Datasheet HTML 68Page - Vanguard International Semiconductor VG37648041AT Datasheet HTML 69Page - Vanguard International Semiconductor VG37648041AT Datasheet HTML 70Page - Vanguard International Semiconductor VG37648041AT Datasheet HTML 71Page - Vanguard International Semiconductor VG37648041AT Datasheet HTML 72Page - Vanguard International Semiconductor VG37648041AT Datasheet HTML 73Page - Vanguard International Semiconductor VG37648041AT Datasheet HTML 74Page - Vanguard International Semiconductor VG37648041AT Datasheet HTML 75Page - Vanguard International Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 86 page
background image
Document : 1G5-0157
Rev.1
Page 71
VIS
Preliminary
VG37648041AT
256M:x4, x8, x16
CMOS Synchronous Dynamic RAM
A.C Characteristics:
Test Conditions: (Ta=0 to 70°C VDDQ=2.5V
,
VDD=3.3V
, or VDD=2.5V
A.C. Parameter
Symbol
-75
-8
Unit
Note
Min.
Max.
Min.
Max.
tCK
Access time from CLK/CLK#
tAC
-0.1
+0.1
-0.1
+0.1
tCK
Clock high time
tCH
0.45
0.55
0.45
0.55
tCK
Clock low time
tCL
0.45
0.55
0.45
0.55
ns
Clock cycle time
CL=3
tCK3Q
5
15
6
15
ns
CL=2.5
tCK2.5
6.2
15
7
15
ns
CL=2
tCK2
7.5
15
8
15
ns
CL=1.5
tCK15
10
15
10
15
tCK
Data-in hold time
tDH
0.075
0.075
tCK
Data-in setup time
tDS
0.075
0.075
tCK
18
Data-out high imedance from CLK/CLK#
tHZ
-0.1
+0.1
-0.1
+0.1
tCK
18
Data-out low impedance from CLK/CLK#
tLZ
-0.1
+0.1
-0.1
+0.1
tCK
DQS-DQ Skew
tDSDQ
-0.075
+0.075
-0.075
+0.075
tCK
DQ/DQS output valid time
tDV
0.35
0.35
tCK
Write command to first DQS latching transition
tDSS
0.75
1.25
0.75
1.25
tCK
DQ/DQS input valid time
tDSLH
0.40
0.60
0.40
0.60
tCK
LOAD MODE REGISTER COMMAND cycle time
tMRD
2
2
tCK
22
Write preamble setup time
tWPR
0
0
ns
19
Write postamble
tWPO
0.4
0.6
0.4
0.6
tCK
20
Write command to DQS Low-Z
tWCP
0
0
ns
Input hold time
tIH
0.15
0.15
tCK
Input setup time
tIS
0.15
0.15
tCK
Read preamble
tRPR
0.9
1.1
0.9
1.1
tCK
Read postamble
tRPO
0.4
0.6
0.4
0.6
tCK
ACTIVE to PRECHARGE command
tRAS
45
120,000
48
120,000
ns
AUTO REFRESH, ACTIVE command period
tRC
65
70
ns
ACTIVE to READ or WRITE delay
tRCD
20
20
ns
Refresh period (8192 rows)
tREF
64
64
ms
PRECHARGE command period
tRP
20
20
ns
ACTIVE bank A to Active bank B command
tRRD
15
20
ns
Transition time
tT
ns
Write recovery time
tWR
2
2
tCK
Write data In to Read Command Delay
tWTR
1
1
tCK
Exit SELF REFRESH to ACTIVE command
tXSR
60
70
ns
21
0.2V
±
0.3V
±
0.2V
±



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com