Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCR22-8 Datasheet(PDF) 2 Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD

Part # HCR22-8
Description  Silicon Controlled Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUASHAN [SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD]
Direct Link  http://www.huashan.com.cn
Logo HUASHAN - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD

HCR22-8 Datasheet(HTML) 2 Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD

  HCR22-8 Datasheet HTML 1Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD HCR22-8 Datasheet HTML 2Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD HCR22-8 Datasheet HTML 3Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Shantou Huashan Electronic Devices Co.,Ltd.
Electrical Characteristics(Ta=25unless otherwise specified)
Symbol
Items
Min.
Typ.
Max.
Unit
Conditions
IDRM
Repetitive Peak Off-State
Current
10
200
uA
VAK=VDRM
Ta=25
Ta=125
VTM
Peak On-State Voltage (1)
1.2
1.7
V
ITM=3A,PEAK
IGT
Gate Trigger Current(2)
200
500
uA
VAK =6V(DC), RL=100 ohm
Ta=25
Ta= -40
VGT
Gate Trigger Voltage (2)
0.8
1.2
V
VAK =7V(DC), RL=100 ohm
Ta=25
Ta= -40
VGD
Non-Trigger Gate Voltage
0.2
V
VAK =12V, RL=100 ohm
Ta=125
IH
Holding Current
2.0
5.0
10
mA
IT=100mA,Gate open,
Ta=25
Ta= -40
Rth(j-c)
Thermal Resistance
50
/W
Junction to Case
Rth(j-a)
Thermal Resistance
160
/W
Junction to Ambient
dv/dt
Critical Rate of Rise Off-state
Voltage
200
V/µs
VD=VDRM67% exponential
Waveform Rjk=1Kohm Tj=125
1. Forward current applied for 1 ms maximum duration,duty cycle ≤1%.
2. RGK current is not included in measurement.
Performance Curves
FIGURE 1 – Gate Characteristics
FIGURE 2 – Maximum CaseTemperture
Gate Current (mA)
Average On-State Current (mA)
HCR22-8



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com