Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD313 Datasheet(PDF) 1 Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD

Part # HD313
Description  NPN SILICON TRANSISTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUASHAN [SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD]
Direct Link  http://www.huashan.com.cn
Logo HUASHAN - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD

HD313 Datasheet(HTML) 1 Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD

  HD313 Datasheet HTML 1Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Shantou Huashan Electronic Devices Co.,Ltd.
█
APPLICATIONS
Low Frequency Power Amplifier.
█
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
█
ELECTRICAL CHARACTERISTICS(Ta=25℃)
Symbol
Characteristics
Min
Typ
Max
Unit
Test Conditions
ICEO
Collector Cut-off Current
5
mA
VCE=60V, IB=0
ICBO
Collector Cut-off Current
0.1
mA
VCB=60V, IE=0
IEBO
Emitter Cut-off Current
1
mA
VEB=4V, IC=0
HFE(1) DC Current Gain
60
320
VCE=2V, IC=1A
HFE(2) DC Current Gain
60
VCE=2V, IC=0.1A
VCE(sat) Collector- Emitter Saturation Voltage
0.4
1
V
IC=2A, IB=0.2A
VBE
Base-Emitter Voltage
1.2
V
VCE=2V, IC=1A
ft
Current Gain-Bandwidth Product
8
MHz
VCE=5V, IC=0.5A,
Cob
Output Capacitance
65
pF
VCB=10V, IE=0,f=1MHz
█
hFE Classification
D
E
F
60—120
100—200
160—320
NPN SILICON TRANSISTOR
Tstg——Storage Temperature………………………… -55~150℃
Tj——Junction Temperature……………………………… 150℃
PC——Collector Dissipation(Tc=25℃)…………………… 30W
PC——Collector Dissipation(TA=25℃)………………… 1.75W
VCBO——Collector-Base Voltage……………………………60V
VCEO——Collector-Emitter Voltage………………………… 60V
VEBO——Emitter-Base Voltage……………………………… 5V
IC——Collector Current……………………………………… 3A
HD313
1―Base,B
2―Collector,C
3―Emitter, E
TO-220


Similar Part No. - HD313

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HD3-15530-9 INTERSIL-HD3-15530-9 Datasheet
169Kb / 12P
CMOS Manchester Encoder-Decoder
March 1997
HD3-15530-9 INTERSIL-HD3-15530-9 Datasheet
281Kb / 13P
CMOS Manchester Encoder-Decoder
March 1997
HD3-15530-9 INTERSIL-HD3-15530-9 Datasheet
276Kb / 13P
CMOS Manchester Encoder-Decoder
March 1997
logo
Renesas Technology Corp
HD3-15530-9 RENESAS-HD3-15530-9 Datasheet
724Kb / 13P
CMOS Manchester Encoder-Decoder
March 1997
logo
Intersil Corporation
HD3-15531B-9 INTERSIL-HD3-15531B-9 Datasheet
266Kb / 16P
CMOS Manchester Encoder-Decoder
March 1997
More results

Similar Description - HD313

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
2N3414 MICRO-ELECTRONICS-2N3414 Datasheet
48Kb / 1P
NPN SILICON TRANSISTOR
logo
NEC
2SC3731 NEC-2SC3731 Datasheet
193Kb / 3P
NPN SILICON TRANSISTOR
BA1A4M NEC-BA1A4M Datasheet
133Kb / 2P
NPN SILICON TRANSISTOR
AA1L3Z NEC-AA1L3Z Datasheet
119Kb / 2P
NPN SILICON TRANSISTOR
2SD1698 NEC-2SD1698 Datasheet
116Kb / 2P
NPN SILICON TRANSISTOR
2SD1701 NEC-2SD1701 Datasheet
117Kb / 2P
NPN SILICON TRANSISTOR
logo
Seme LAB
2N1616 SEME-LAB-2N1616 Datasheet
22Kb / 2P
NPN SILICON TRANSISTOR
logo
Central Semiconductor C...
MPS3417 CENTRAL-MPS3417 Datasheet
58Kb / 1P
NPN SILICON TRANSISTOR
logo
NEC
NE688M23 NEC-NE688M23 Datasheet
19Kb / 2P
NPN SILICON TRANSISTOR
logo
Fairchild Semiconductor
KSC5603D FAIRCHILD-KSC5603D_10 Datasheet
115Kb / 5P
NPN Silicon Transistor, Planar Silicon Transistor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com