Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HKP1040CT Datasheet(PDF) 1 Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD

Part # HKP1040CT
Description  10A SCHOTTKY BARREIER RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUASHAN [SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD]
Direct Link  http://www.huashan.com.cn
Logo HUASHAN - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD

HKP1040CT Datasheet(HTML) 1 Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD

  HKP1040CT Datasheet HTML 1Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD HKP1040CT Datasheet HTML 2Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Shantou Huashan Electronic Devices Co.,Ltd.
10A SCHOTTKY BARREIER RECTIFIER
█ Features
█ Package
n
Metal of silicon rectifier,majority carrier conducton
n
Guard ring for transient protection
n
Low power loss, high efficiency
n
High current capability, low VF
n
High surge capacity
n
For use in low voltage,high frequency inverters,free whelling,
and polarity protection applications
█ Maximum Ratings
 
 
 
 
 
 
█ Electrical Characteristics @Ta=25℃ unless otherwise specified
Single phase,half wave,60Hz,resistive or inductive load.
For capacitive load,derate current by 20%.
Characteristic
Symbol
Min
Max
Unit
Condition
Forward Voltage Drop(Note 1)
VFM
0.7
0.84
0.57
V
IF=5A,TC=25℃
IF=10A,TC=25℃
IF=5A,TC=125℃
Peak Reverse Current
at Rated DC Blocking Voltage
IRM
0.1
15
mA
VR = VRRM TC=25℃
TC=125℃
Typical Junction Capacitance(Note 2)
Cj
170
pF
Typical Thermal Resistance Junction to Case(Note 3)
Rth-j
3.0
℃/W
NOTES : 1. 300us Pulse Width, 2% Duty Cycle.
2. Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
3. Thermal Resistance Junction to Case. .
HKP1040CT
1―Pin A1
2―Pin K
3―Pin A2
TO-220
n
Tstg——Storage Temperature………………………………… -55~175℃
n
Tj——Operating Temperature…………………………………-55~150℃
n
VRRM——Peak Repetitive Reverse Voltage………………………… 40V
n
VRWM —— Working Peak Reverse Voltage…………………………40V
n
VR——DC Blocking Voltage………………………………………… 40V
n
VR(RMS) ——RMS Reverse Voltage………………………………… 28V
n
IF(AV)——Average Recified Output Current@Tc=105℃……………………Double Dies 10A
(Note 1)
……………………Single Die 5A
n
IFSM——Non-Repetitive Peak Forward Surge Current(60HZ)…………………125A


Similar Part No. - HKP1040CT

ManufacturerPart #DatasheetDescription
logo
SHANTOU HUASHAN ELECTRO...
HKP10150CT HUASHAN-HKP10150CT Datasheet
137Kb / 3P
10A HIGH VOLTAGE SCHOTTKY BARREIER RECTIFIER
More results

Similar Description - HKP1040CT

ManufacturerPart #DatasheetDescription
logo
SHANTOU HUASHAN ELECTRO...
HJP1040CT HUASHAN-HJP1040CT Datasheet
220Kb / 2P
10A SCHOTTKY BARREIER RECTIFIER
HJP1060CT HUASHAN-HJP1060CT Datasheet
618Kb / 2P
10A SCHOTTKY BARREIER RECTIFIER
HJP2040CT HUASHAN-HJP2040CT Datasheet
224Kb / 2P
20A SCHOTTKY BARREIER RECTIFIER
HJP2060CT HUASHAN-HJP2060CT Datasheet
223Kb / 2P
20A SCHOTTKY BARREIER RECTIFIER
HJP10100CT HUASHAN-HJP10100CT Datasheet
178Kb / 2P
10A HIGH VOLTAGE SCHOTTKY BARREIER RECTIFIER
HKF10100CT HUASHAN-HKF10100CT Datasheet
101Kb / 2P
10A HIGH VOLTAGE SCHOTTKY BARREIER RECTIFIER
HKF10150CT HUASHAN-HKF10150CT Datasheet
101Kb / 2P
10A HIGH VOLTAGE SCHOTTKY BARREIER RECTIFIER
HKF10200CT HUASHAN-HKF10200CT Datasheet
101Kb / 2P
10A HIGH VOLTAGE SCHOTTKY BARREIER RECTIFIER
HKP10150CT HUASHAN-HKP10150CT Datasheet
137Kb / 3P
10A HIGH VOLTAGE SCHOTTKY BARREIER RECTIFIER
HKW10100CT HUASHAN-HKW10100CT Datasheet
132Kb / 3P
10A HIGH VOLTAGE SCHOTTKY BARREIER RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com