Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

50MS-252 Datasheet(PDF) 1 Page - JFW Industries, Inc.

Part # 50MS-252
Description  8 X 8 NON-BLOCKING SOLID STATE MATRIX SWITCH
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JFW [JFW Industries, Inc.]
Direct Link  http://www.jfwindustries.com
Logo JFW - JFW Industries, Inc.

50MS-252 Datasheet(HTML) 1 Page - JFW Industries, Inc.

  50MS-252 Datasheet HTML 1Page - JFW Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
8 X 8 NON-BLOCKING SOLID STATE MATRIX SWITCH
SPECIFICATION SHEET
JFW MODEL 50MS-252
JFW Industries, Inc.
Phone:
317-887-1340
sales@jfwindustries.com
www.jfwindustries.com
Frequency Range
700-3000 MHz
Configuration
8 x 8 Non-Blocking Matrix
(See Block Diagram 092-2886)
Impedance
50 Ohms nominal
VSWR
1.4:1 typical
1.6:1 maximum
Insertion Loss
11.5 dB typical @ 700MHz
13.5 dB typical @ 3000MHz
Isolation
Output to Output
- 30 dB typical
(Set to same input)
- 25 dB minimum
Output to Output
(Set to diff inputs)
- 90 dB typical
- 60 dB minimum
Input to Output
- 90 dB typical
- 60 dB minimum
Input to Input
- 70 dB typical
- 60 dB minimum
RF Input Power
+20 dBm average
+27 dBm (no damage)
Switching Speed
20 microseconds
(after command is received and processed)
(3 milliseconds typical processing time)
AC Supply
85-264VAC @ 47-63 Hz
Control (Remote)
Ethernet (10/100, TCP/IP, 4 users)
Control Connector (Remote)
RJ-45 (Ethernet)
RF Connector
SMA female
Temperature Ranges
Operating:
0ºC to +70ºC
Storage:
-55ºC to +85ºC
Physical Size
See outline drawing 092-6142
06/30/2009
BAC 06/30/2009
ECR/ECN #
DATE
REV
APPR / DATE
ECR/ECN #
DATE
REV
APPR / DATE
JFW FORM E-7-F REV F
Page 1 of 1


Similar Part No. - 50MS-252

ManufacturerPart #DatasheetDescription
logo
JFW Industries, Inc.
50MS-211 JFW-50MS-211 Datasheet
26Kb / 1P
MATRIX SWITCH
50MS-211 JFW-50MS-211_18 Datasheet
31Kb / 2P
MATRIX SWITCH
50MS-225 JFW-50MS-225 Datasheet
26Kb / 1P
SOLID STATE MATRIX SWITCH
50MS-232 JFW-50MS-232 Datasheet
27Kb / 1P
MATRIX SWITCH
50MS-286 JFW-50MS-286 Datasheet
90Kb / 1P
12x4 MATRIX SWITCH
More results

Similar Description - 50MS-252

ManufacturerPart #DatasheetDescription
logo
JFW Industries, Inc.
50MS-287 JFW-50MS-287_18 Datasheet
32Kb / 2P
24 X 4 NON-BLOCKING SOLID STATE MATRIX SWITCH
50MS-288 JFW-50MS-288_18 Datasheet
32Kb / 2P
8 X 8 NON-BLOCKING SOLID STATE MATRIX SWITCH
50MS-291 JFW-50MS-291_18 Datasheet
32Kb / 2P
BLOCKING SOLID STATE MATRIX SWITCH
50MS-299 JFW-50MS-299_18 Datasheet
32Kb / 2P
8 X 4 NON-BLOCKING SOLID STATE MATRIX SWITCH
50MS-300 JFW-50MS-300_18 Datasheet
32Kb / 2P
8 X 8 NON-BLOCKING SOLID STATE MATRIX SWITCH
50MS-313 JFW-50MS-313_18 Datasheet
32Kb / 2P
4x4 NON-BLOCKING SOLID STATE MATRIX SWITCH
50MS-323 JFW-50MS-323 Datasheet
32Kb / 2P
BLOCKING SOLID STATE MATRIX SWITCH
50MS-334 JFW-50MS-334_18 Datasheet
32Kb / 2P
BLOCKING SOLID STATE MATRIX SWITCH
50MS-335 JFW-50MS-335_18 Datasheet
32Kb / 2P
8 X 16 NON-BLOCKING SOLID STATE MATRIX SWITCH
75MS-029 JFW-75MS-029 Datasheet
37Kb / 2P
2 x 8 BLOCKING SWITCH MATRIX
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com