Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

URAM2TS3 Datasheet(PDF) 3 Page - Vicor Corporation

Part # URAM2TS3
Description  Output Ripple Attenuation Module
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

URAM2TS3 Datasheet(HTML) 3 Page - Vicor Corporation

  URAM2TS3 Datasheet HTML 1Page - Vicor Corporation URAM2TS3 Datasheet HTML 2Page - Vicor Corporation URAM2TS3 Datasheet HTML 3Page - Vicor Corporation URAM2TS3 Datasheet HTML 4Page - Vicor Corporation URAM2TS3 Datasheet HTML 5Page - Vicor Corporation URAM2TS3 Datasheet HTML 6Page - Vicor Corporation URAM2TS3 Datasheet HTML 7Page - Vicor Corporation URAM2TS3 Datasheet HTML 8Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Set your site on VICOR at www.vicorpower.com
PRELIMINARY
Vicor Corp. Tel: 800-735-6200, 978-470-2900 Fax: 978-475-6715
MicroRAM
Rev. 1.1
Page 3 of 8
Electrical Characteristics (continued)
APPLICATION SCHEMATIC DRAWINGS USING VICOR CONVERTERS AND THE µRAM
DC-DC
Converter
µRAM
+Out
VREF
–Out
+In
SC
CTRAN
–In
+Out
+S
SC
–S
–Out
+In
PC
PR
–In
(2)
RSENSE
5.1
22
µF
CTRAN*
*Optional Component
RHR
CHR*
Figure 1—Typical Configuration using Remote Sensing
DC-DC
Converter
+Out
SC
–Out
+In
PC
PR
–In
µRAM
+Out
VREF
–Out
+In
SC
CTRAN
–In
RSC
RHR
CTRAN*
CHR*
*Optional Component
Figure 2—Typical Configuration using SC Control (Oppional CHR 25µF maximum in SC configuration.)
Functional Description
The MicroRAM has an internal passive filter that
effectively attenuates ripple in the 50kHz to 1MHz range.
An active filter provides attenuation from low frequency
up to the 1MHz range. The user must set the headroom
voltage of the active block with the external RHR resistor
to optimize performance. The MicroRAM must be connected
as shown in Figures 1 or 2 depending on the load sensing
method. The transient load current performance can be
increased by the addition of optional CTRAN capacitance
to the CTRAN pin. The low frequency ripple attenuation
can be increased by addition of optional CHR capacitance
to the VREF pin as shown in Figures 3a and 3b, on p. 5.
Transient load current is supplied by the internal CTRAN
capacitance, plus optional external capacitance, during the
time it takes the converter loop to respond to the increase
in load. The MicroRAM’s active loop responds in roughly
one microsecond to output voltage perturbations. There
are limitations to the magnitude and the rate of change of
the transient current that the MicroRAM can sustain while
the converter responds. See Figures 8-16, on pp. 6 and 7,
for examples of dynamic performance. A larger headroom
voltage setting will provide increased transient performance,
ripple attenuation and power dissipation while reducing
overall efficiency (see Figures 4a, 4b, 4c and 4d on p. 5).



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com