Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTF4A60S Datasheet(PDF) 2 Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD

Part # HTF4A60S
Description  NON INSULATED TYPE SENSITIVE GATE TRIAC (TO-220F PACKAGE)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUASHAN [SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD]
Direct Link  http://www.huashan.com.cn
Logo HUASHAN - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD

HTF4A60S Datasheet(HTML) 2 Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD

  HTF4A60S Datasheet HTML 1Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD HTF4A60S Datasheet HTML 2Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD HTF4A60S Datasheet HTML 3Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD HTF4A60S Datasheet HTML 4Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Shantou Huashan Electronic Devices Co.,Ltd.
 
█ Electrical Characteristics(T
a=25℃)
Symbol
Items
Min.
Typ.
Max.
Unit
Conditions
IDRM
Repetitive Peak Off-State Current
1.0
mA
VD=VDRM, Single Phase,
Half Wave,
TJ=125℃
VTM
Peak On-State Voltage
1.6
V
IT=6A, Inst. Measurement
I+GT1
Gate Trigger Current(Ⅰ)
5.0
mA
VD=6V, RL=10 ohm
I-GT1
Gate Trigger Current(Ⅱ)
5.0
mA
VD=6V, RL=10 ohm
I-GT3
Gate Trigger Current(Ⅲ)
5.0
mA
VD=6V, RL=10 ohm
I+GT3
Gate Trigger Current(Ⅳ)
10.0
mA
VD=6V, RL=10 ohm
V+GT1
Gate Trigger Voltage(Ⅰ)
1.4
V
VD=6V, RL=10 ohm
V-GT1
Gate Trigger Voltage(Ⅱ)
1.4
V
VD=6V, RL=10 ohm
V-GT3
Gate Trigger Voltage(Ⅲ)
1.4
V
VD=6V, RL=10 ohm
V+GT3
Gate Trigger Voltage(Ⅳ)
1.8
V
VD=6V, RL=10 ohm
VGD
Non-Trigger Gate Voltage
0.2
V
TJ=125℃,VD=1/2VDRM
(dv/dt)c
Critical Rate of Rise of Off-State
Voltage at Commutation
5
V/µS
TJ=125℃,VD=2/3VDRM
(di/dt)c= -0.5A/ms
IH
Holding Current
10
mA
Rth(j-c)
Thermal Resistance
3
℃/W Junction to case
HTF4A60S



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com