Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTF6A60 Datasheet(PDF) 1 Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD

Part # HTF6A60
Description  INSULATED TYPE TRIAC (TO-220F PACKAGE)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUASHAN [SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD]
Direct Link  http://www.huashan.com.cn
Logo HUASHAN - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD

HTF6A60 Datasheet(HTML) 1 Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD

  HTF6A60 Datasheet HTML 1Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD HTF6A60 Datasheet HTML 2Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD HTF6A60 Datasheet HTML 3Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Shantou Huashan Electronic Devices Co.,Ltd.
INSULATED TYPE TRIAC (TO-220F PACKAGE)
█
Features
* Repetitive Peak Off-State Voltage: 600V
* R.M.S On-State Current(IT(RMS)=6A)
* High Commutation dv/dt
*Isolation Voltage(VISO=1500V AC)
█
General Description
This device is fully isolated package suitable for AC switching application,
phase control application such as fan speed and temperature modulation
control, lighting control and static switching relay.
█
Absolute Maximum Ratings(Ta=25℃)
█
Electrical Characteristics(Ta=25℃)
Symbol
Items
Min
Max
Unit
Conditions
IDRM
Repetitive Peak Off-State Current
1.0
mA
VD=VDRM,Single Phase,Half
Wave, TJ=125℃
VTM
Peak On-State Voltage
1.5
V
IT=8A, Inst. Measurement
I+GT1
Gate Trigger Current(Ⅰ)
20
mA
VD=6V, RL=10 ohm
I-GT1
Gate Trigger Current(Ⅱ)
20
mA
VD=6V, RL=10 ohm
I-GT3
Gate Trigger Current(Ⅲ)
20
mA
VD=6V, RL=10 ohm
V+GT1
Gate Trigger Voltage(Ⅰ)
1.5
V
VD=6V, RL=10 ohm
V-GT1
Gate Trigger Voltage(Ⅱ)
1.5
V
VD=6V, RL=10 ohm
V-GT3
Gate Trigger Voltage(Ⅲ)
1.5
V
VD=6V, RL=10 ohm
VGD
Non-Trigger Gate Voltage
0.2
V
TJ=125℃,VD=1/2VDRM
(dv/dt)c
Critical Rate of Rise of Off-State
Voltage at Commutation
5.0
V/µS
TJ=125℃,VD=2/3VDRM (di/dt)c=-3A/ms
IH
Holding Current
10
mA
Rth(j-c)
Thermal Resistance
3.8
℃
/W
Junction to case
Tstg——Storage Temperature………………………………………………………………… -40~150℃
Tj ——Operating Junction Temperature …………………………………………………… -40~125℃
PGM——Peak Gate Power Dissipation………………………………………………………………… 5W
VDRM——Repetitive Peak Off-State Voltage………………………………………………………… 600V
IT(RMS)——R.M.S On-State Current(Tc=94℃)………………………………………………… 6A
VGM——Peak Gate Voltage…………………………………………………………………………… 10V
IGM——Peak Gate Current…………………………………………………………………………… 2.0A
ITSM——Surge On-State Current (One Cycle, 50/60Hz,Peak,Non-Repetitive) …………………… 60/66A
VISO——Isolation Breakdown Voltage(R.M.S,A.C.1minute)………………………………………1500V
HTF6A60
1
2
3
TO-220F


Similar Part No. - HTF6A60

ManufacturerPart #DatasheetDescription
logo
SHANTOU HUASHAN ELECTRO...
HTF12A60 HUASHAN-HTF12A60 Datasheet
203Kb / 3P
INSULATED TYPE TRIAC (TO-220F PACKAGE)
HTF16A60 HUASHAN-HTF16A60 Datasheet
205Kb / 3P
INSULATED TYPE TRIAC (TO-220F PACKAGE)
logo
SICK AG
HTF18-P4A2BB SICK-HTF18-P4A2BB Datasheet
730Kb / 8P
HYBRID PHOTOELECTRIC SENSORS
2024-03-12 16:10:49
logo
Connor-Winfield Corpora...
HTF2-19.44M CONNOR-WINFIELD-HTF2-19.44M Datasheet
205Kb / 2P
5.0V HCMOS TCXO 14 Pin DIP Crystal Oscillator
HTF2A-19.44M CONNOR-WINFIELD-HTF2A-19.44M Datasheet
205Kb / 2P
5.0V HCMOS TCXO 14 Pin DIP Crystal Oscillator
More results

Similar Description - HTF6A60

ManufacturerPart #DatasheetDescription
logo
SHANTOU HUASHAN ELECTRO...
HBT137F-600 HUASHAN-HBT137F-600 Datasheet
201Kb / 3P
INSULATED TYPE TRIAC (TO-220F PACKAGE)
HBT138F-600 HUASHAN-HBT138F-600 Datasheet
201Kb / 3P
INSULATED TYPE TRIAC (TO-220F PACKAGE)
HBT139F-600 HUASHAN-HBT139F-600 Datasheet
200Kb / 3P
INSULATED TYPE TRIAC (TO-220F PACKAGE)
HTF4A60S HUASHAN-HTF4A60S Datasheet
178Kb / 4P
NON INSULATED TYPE SENSITIVE GATE TRIAC (TO-220F PACKAGE)
HTF8A60 HUASHAN-HTF8A60 Datasheet
324Kb / 3P
INSULATED TYPE TRIAC (TO-220F PACKAGE)
HTF8A80 HUASHAN-HTF8A80 Datasheet
162Kb / 3P
NON INSULATED TYPE TRIAC (TO-220F PACKAGE)
HTF12A60 HUASHAN-HTF12A60 Datasheet
203Kb / 3P
INSULATED TYPE TRIAC (TO-220F PACKAGE)
HTF16A60 HUASHAN-HTF16A60 Datasheet
205Kb / 3P
INSULATED TYPE TRIAC (TO-220F PACKAGE)
HTM4A60 HUASHAN-HTM4A60 Datasheet
176Kb / 3P
INSULATED TYPE TRIAC (TO-126ML PACKAGE)
logo
SemiHow Co.,Ltd.
HTS139-600 SEMIHOW-HTS139-600 Datasheet
361Kb / 5P
INSULATION TYPE TRIAC (TO-220F)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com