Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTP8A60 Datasheet(PDF) 1 Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD

Part # HTP8A60
Description  NON INSULATED TYPE TRIAC (TO-220 PACKAGE)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUASHAN [SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD]
Direct Link  http://www.huashan.com.cn
Logo HUASHAN - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD

HTP8A60 Datasheet(HTML) 1 Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD

  HTP8A60 Datasheet HTML 1Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD HTP8A60 Datasheet HTML 2Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD HTP8A60 Datasheet HTML 3Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Shantou Huashan Electronic Devices Co.,Ltd.
HTP8A60
NON INSULATED TYPE TRIAC (TO-220 PACKAGE)
█ Features
* Repetitive Peak Off-State Voltage: 600V
* R.M.S On-state Current(IT(RMS)=8A)
* High Commutation dv/dt
█ General Description
The Triac HTP8A60 is suitable for AC switching application, phase
control application such as heater control, motor control, lighting control,
and static switching relay.
█ Absolute Maximum Ratings(T
a=25℃)
Tstg——Storage Temperature……………………………………………………………… -40~125℃
Tj ——Operating Junction Temperature …………………………………………………… -40~125℃
PGM——Peak Gate Power Dissipation………………………………………………………………… 5W
VDRM——Repetitive Peak Off-State Voltage………………………………………………………… 600V
IT(RMS)——R.M.S On-State Current(Ta=105℃)………………………………………………… 8A
VGM——Peak Gate Voltage………………………………………………………………… 10V
I GM —— Peak Gate Current ……… …………………………………………………… 2. 0 A
ITSM——Surge On-State Current (One Cycle, 50/60Hz,Peak,Non-Repetitive)………… 80/88A
█ Electrical Characteristics(T
a=25℃)
Symbol
Items
Min.
Typ.
Max.
Unit
Conditions
IDRM
Repetitive Peak Off-State Current
2.0
mA
VD=VDRM, Single Phase,Half
Wave, TJ=125℃
VTM
Peak On-State Voltage
1.4
V
IT=12A, Inst. Measurement
I+GT1
Gate Trigger Current(Ⅰ)
30
mA
VD=6V, RL=10 ohm
I- GT1
Gate Trigger Current(Ⅱ)
30
mA
VD=6V, RL=10 ohm
I-GT3
Gate Trigger Current(Ⅲ)
30
mA
VD=6V, RL=10 ohm
V+ GT1
Gate Trigger Voltage(Ⅰ)
1.5
V
VD=6V, RL=10 ohm
V- GT1
Gate Trigger Voltage(Ⅱ)
1.5
V
VD=6V, RL=10 ohm
V- GT3
Gate Trigger Voltage(Ⅲ)
1.5
V
VD=6V, RL=10 ohm
VGD
Non-Trigger Gate Voltage
0.2
V
TJ=125℃,VD=1/2VDRM
(dv/dt)c
Critical Rate of Rise of Off-State
Voltage at Commutation
10
V/µS
TJ=125℃,VD=2/3VDRM
(di/dt)c=-4A/ms
IH
Holding Current
15
mA
Rth(j-c)
Thermal Resistance
2.0
℃/W Junction to case


Similar Part No. - HTP8A60

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HTP8A60 ETC1-HTP8A60 Datasheet
170Kb / 3P
NON INSULATED TYPE TRIAC
logo
SemiHow Co.,Ltd.
HTP8A60H SEMIHOW-HTP8A60H Datasheet
400Kb / 6P
3 Quadrants Standard TRIAC
More results

Similar Description - HTP8A60

ManufacturerPart #DatasheetDescription
logo
SHANTOU HUASHAN ELECTRO...
HTF8A80 HUASHAN-HTF8A80 Datasheet
162Kb / 3P
NON INSULATED TYPE TRIAC (TO-220F PACKAGE)
HTM2A60 HUASHAN-HTM2A60 Datasheet
740Kb / 3P
NON INSULATED TYPE TRIAC (TO-126ML PACKAGE)
HTN2A60 HUASHAN-HTN2A60 Datasheet
180Kb / 3P
NON INSULATED TYPE TRIAC (TO-126 PACKAGE)
HTN4A60 HUASHAN-HTN4A60 Datasheet
175Kb / 3P
NON INSULATED TYPE TRIAC (TO-126 PACKAGE)
HTP4A60 HUASHAN-HTP4A60 Datasheet
176Kb / 3P
NON INSULATED TYPE TRIAC (TO-220 PACKAGE)
HTP4A60S HUASHAN-HTP4A60S Datasheet
167Kb / 4P
NON INSULATED TYPE SENSITIVE GATE TRIAC (TO-220 PACKAGE)
HTP6A60 HUASHAN-HTP6A60 Datasheet
176Kb / 3P
NON INSULATED TYPE TRIAC (TO-220 PACKAGE)
HTP12A60 HUASHAN-HTP12A60 Datasheet
189Kb / 3P
NON INSULATED TYPE TRIAC (TO-220 PACKAGE)
HTP16A60 HUASHAN-HTP16A60 Datasheet
192Kb / 3P
NON INSULATED TYPE TRIAC (TO-220 PACKAGE)
HTP20A60 HUASHAN-HTP20A60 Datasheet
179Kb / 3P
NON INSULATED TYPE TRIAC (TO-220 PACKAGE)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com