Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

75PD-074 Datasheet(PDF) 1 Page - JFW Industries, Inc.

Part # 75PD-074
Description  2 WAY REACTIVE POWER DIVIDER/COMBINER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JFW [JFW Industries, Inc.]
Direct Link  http://www.jfwindustries.com
Logo JFW - JFW Industries, Inc.

75PD-074 Datasheet(HTML) 1 Page - JFW Industries, Inc.

  75PD-074 Datasheet HTML 1Page - JFW Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2 WAY REACTIVE POWER DIVIDER/COMBINER
SPECIFICATION SHEET
JFW MODEL 75PD-074
JFW Industries, Inc.
Phone:
317-887-1340
sales@jfwindustries.com
www.jfwindustries.com
Frequency Range
800-2400 MHz
Impedance
75 Ohms nominal
VSWR
1.5:1 maximum
Insertion Loss
(above 3 dB split)
0.75 dB maximum
Amplitude Tracking
± 0.4 dB
Phase Tracking
± 5º
Isolation
20 dB minimum
Matched Input Power
5 Watts average @ 25ºC
100 Watts peak (1 microsecond)
Operating Temperature Range
-40ºC to +85ºC
RF Connector
BNC, N, or F female
Physical Size
See outline drawing 092-2986
10/01/2002
SL 10/01/2002
ECR/ECN #
DATE
REV
APPR / DATE
ECR/ECN #
DATE
REV
APPR / DATE
13367
09/14/2006
A
TRS 09/14/2006
JFW FORM E-7-F REV F
Page 1 of 1


Similar Part No. - 75PD-074

ManufacturerPart #DatasheetDescription
logo
JFW Industries, Inc.
75PD-074 JFW-75PD-074 Datasheet
67Kb / 1P
2 WAY REACTIVE POWER DIVIDER/COMBINER
75PD-074 JFW-75PD-074_11 Datasheet
67Kb / 1P
2 WAY REACTIVE POWER DIVIDER/COMBINER
More results

Similar Description - 75PD-074

ManufacturerPart #DatasheetDescription
logo
JFW Industries, Inc.
50PD-223 JFW-50PD-223 Datasheet
32Kb / 1P
2 WAY REACTIVE POWER DIVIDER/COMBINER
50PD-495 JFW-50PD-495 Datasheet
26Kb / 1P
2 WAY REACTIVE POWER DIVIDER/COMBINER
50PD-639 JFW-50PD-639 Datasheet
26Kb / 1P
2 WAY REACTIVE POWER DIVIDER/COMBINER
50PD-585 JFW-50PD-585_17 Datasheet
26Kb / 1P
2 WAY REACTIVE POWER DIVIDER/COMBINER
50PD-634 JFW-50PD-634_10 Datasheet
27Kb / 1P
2 WAY REACTIVE POWER DIVIDER/COMBINER
50PD-659 JFW-50PD-659_11 Datasheet
27Kb / 1P
2 WAY REACTIVE POWER DIVIDER/COMBINER
50PD-672 JFW-50PD-672 Datasheet
27Kb / 1P
2 WAY REACTIVE POWER DIVIDER/COMBINER
50PD-776 JFW-50PD-776 Datasheet
68Kb / 1P
2 WAY REACTIVE POWER DIVIDER/COMBINER
50PD-793 JFW-50PD-793 Datasheet
27Kb / 1P
2 WAY REACTIVE POWER DIVIDER/COMBINER
50PD-698 JFW-50PD-698 Datasheet
28Kb / 1P
2 WAY REACTIVE POWER DIVIDER/COMBINER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com