Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSSS223200 Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # SSSS223200
Description  Slide Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SSSS223200 Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  SSSS223200 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SSSS223200 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SSSS223200 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SSSS223200 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. SSSS223200 Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. SSSS223200 Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
126
Other Use type
Small size
General Use type
Big size
General Use type
Detector
Push
Slide
Rotary
Encoders
Power
Dual-in-line
Package Type
TACT Switch
TM
Custom-
Products
3.5(H)mm, 2mm-travel Type
SSSS2 Series
※Operating life for SSSS213202 is 100 cycles
Note
Product Line
Manual,
Dip
Manual,
Dip
Reflow
1
2
1
2
1
2
2
3
2
3
2
3
2
3
4
2
3
4
2
3
Vertical
Horizontal
1
2
3
4
6
7
8
9
10
11
12
13
Soldering
Products No.
Drawing
No.
SSSS213000
SSSS211900
SSSS222700
SSSS223600
SSSS212901
Reflow
10.000
5.600
Minimum order
unit
(pcs.)
4.800
4,000
10.000
5
SSSS213202
SSSS213100
SSSS212200
SSSS212400
SSSS223200
SSSS223900
SSSS224100
SSSS211603
SSSS212301
14
15
SSSS224001
2
Travel
(mm)
Non
shorting
2
Actuator
length
(mm)
Actuator
direction
Poles Positions
Changeover
timing
Excellent application for designing compact and high density portable devices.
Slide Switch
Operating life
0.3A 6V DC/50
BA 3V DC
Refer to the dimensions.
70m
Ω max./130mΩ max.
10,000cycles
※
Rating
(max.)
/
(min.)
(Resistive load)
Items
Specifications
Contact resistance
(Initial performance/After lifetime)
Operating force
10,000cycles
(0.3A 6V DC)
※
Without load
With load
Typical Specifications
Taping Specification(Taping Packaging)
Reel Size
¿380
25.4
Unit:mm
Series
24
4,800
2,400
1,200
Vertical
1-pole, 2-positions
1-pole, 3-positions
4,000
2,000
1,000
5,600
2,800
1,400
Horizontal
Number of packages
(pcs.)
Tape
width
(mm)
1 reel
1 case
/Japan
1 case
/export
packing
1. Products other than those listed in the above chart are also available. Please contact us for details.
2. Please place purchase orders per minimum order unit(integer).
Notes


Similar Part No. - SSSS223200

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SSSS223200 ALPS-SSSS223200 Datasheet
1Mb / 7P
Excellent application for designing compact and high density portable devices
More results

Similar Description - SSSS223200

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SS60012F-0102-4V-NB ETC2-SS60012F-0102-4V-NB Datasheet
133Kb / 1P
Slide Switch
103-5006-EV ETC2-103-5006-EV Datasheet
134Kb / 1P
Slide Switch
105-SV68010F-23FT ETC2-105-SV68010F-23FT Datasheet
71Kb / 1P
Slide Switch
logo
ALPS ELECTRIC CO.,LTD.
SSSB021500 ALPS-SSSB021500 Datasheet
272Kb / 4P
Slide Switch
SSSF011700 ALPS-SSSF011700 Datasheet
317Kb / 5P
Slide Switch
SSSS710100 ALPS-SSSS710100 Datasheet
455Kb / 5P
Slide Switch
SSSS820101 ALPS-SSSS820101 Datasheet
426Kb / 6P
Slide Switch
SSSS912000 ALPS-SSSS912000 Datasheet
395Kb / 6P
Slide Switch
SSST010500 ALPS-SSST010500 Datasheet
245Kb / 2P
Slide Switch
SSSU011700 ALPS-SSSU011700 Datasheet
306Kb / 5P
Slide Switch
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com