Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSSS812701 Datasheet(PDF) 4 Page - ALPS ELECTRIC CO.,LTD.

Part # SSSS812701
Description  Slide Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SSSS812701 Datasheet(HTML) 4 Page - ALPS ELECTRIC CO.,LTD.

  SSSS812701 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SSSS812701 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SSSS812701 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SSSS812701 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. SSSS812701 Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. SSSS812701 Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
122
Other Use type
Small size
General Use type
Big size
General Use type
Detector
Push
Slide
Rotary
Encoders
Power
Dual-in-line
Package Type
TACT Switch
TM
Custom-
Products
1-pole, 4-positions
cc
1
2
3
4
56
2-poles, 2-positions
12
3
4
c
c
Circuit Diagram(Viewed from Direction A)
1-pole, 2-positions
2mm-travel
c
c
1
2
34
56
1
2
3
4
5
6
c
c
1-pole, 3-positions
2mm-travel
1
23
c
1-pole, 2-positions
1.5mm-travel
1
2
3
4
c
1-pole, 3-positions
1.5mm-travel
c
c
1
2
3
45
6
2-poles, 2-positions
c
c
12
3
4
5
6
7
8
2-poles, 3-positions
1.4(H)mm, 1.5/2mm-travel Surface Mount Type
SSSS8 Series
Slide Switch



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com