Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSSS212301 Datasheet(PDF) 2 Page - ALPS ELECTRIC CO.,LTD.

Part # SSSS212301
Description  Slide Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SSSS212301 Datasheet(HTML) 2 Page - ALPS ELECTRIC CO.,LTD.

  SSSS212301 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SSSS212301 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SSSS212301 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SSSS212301 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. SSSS212301 Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. SSSS212301 Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
127
Other Use type
Small size
General Use type
Big size
General Use type
Detector
Push
Slide
Rotary
Encoders
Power
Dual-in-line
Package Type
TACT Switch
TM
Custom-
Products
22
8-ø0.8 holes
22
2.5 2.5
6-ø0.8 holes
22
4-ø0.8 holes
22
3-ø0.8 holes
2.5
2.5
Style
Photo
No.
PC board mounting hole dimensions
(Viewed from the direction A)
1
1-pole, 2-positions
2
1-pole, 3-positions
3
2-poles, 2-positions
4
2-poles, 3-positions
Vertical Actuator Type
Dimensions
Unit:mm
A
Travel
Operating force with detent : a
b 1.5N
ba
bc
2.5N
3.5
1.5
0.3
3.3
0.6
22 2 2
13
a b c
22
1.5
PC board
mounting face
Terminal No.
cb }}
J
J
J
J
1
5
1-pole, 2-positions
Reflow
6
1-pole, 3-positions
Reflow
1.2
2
4
2
5
Pattern section
2-ø0.9 holes
3
3.5
9
2
1.5
2.5 2.5
0.6
8.5
Travel
Terminal No.1
Operating force with detent : 1.5N
1.5
3.3
0.3
PCboard mounting face
A
A
Travel
Operating force with detent : a
b
cb 1.5N
ba
bc 2.5N
3.5
1.5
0.3
3.3
0.6
22 2 2
13
a
b c
2
2
1.5
PC board
mounting face
Terminal No.1
J
J
J
J }}
Terminal No.
3.5
15
0.3
3.3
0.6
2.5 2.5
8.5
9
2
1.5
Travel
PC board
mounting face
A
Operating force with detent : 1.5N
1
(
2.5)
(
2.5)
3.5
1.5
2
1.5
8
2.5 2.5
8.5
0.6
Operating force with detent:3N
Terminal No.1
PC board
mounting face
Travel
A
Travel
13
¿0.8
5
3
¿0.8
2 2
Natural color
c
b
a
3.1
3.5
1.5
Terminal pitch:2mm
Terminal No.1
PC board mounting face
1.5
A
Operating force with detent : a
b
cb 1.5N
ba
bc 2.5N
J
J
J
J }}
2.5
2.5
3-1.2
Patten section
3.5(H)mm, 2mm-travel Type
SSSS2 Series
Slide Switch



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com