Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3552 Datasheet(PDF) 1 Page - Wing Shing Computer Components

Part # 2SC3552
Description  Silicon Epitaxial Planar Transistor(GENERAL DESCRIPTION)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINGS [Wing Shing Computer Components]
Direct Link  http://www.wingshing.com/en
Logo WINGS - Wing Shing Computer Components

2SC3552 Datasheet(HTML) 1 Page - Wing Shing Computer Components

  2SC3552 Datasheet HTML 1Page - Wing Shing Computer Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
GENERAL DESCRIPTION
Silicon NPN high frequency, high power transistors
in a plastic envelope, primarily for use in audio and
general purpose
QUICK REFERENCE DATA
LIMITING VALUES
SYMBOL
PARAMETER
CONDITIONS
TYP
MAX
UNIT
VCESM
Collector-emitter voltage peak value
VBE = 0V
-
1100
V
VCEO
Collector-emitter voltage (open base)
-
500
V
IC
Collector current (DC)
-
12
A
ICM
Collector current peak value
-
A
Ptot
Total power dissipation
Tmb
25
-
150
W
VCEsat
Collector-emitter saturation voltage
IC = 4.5A; IB = 1.0A
-
3V
VF
Diode forward voltage
IF = 4.5A
1.5
2.0
V
tf
Fall time
IC=4.5A,IB1=-IB2=0.8A,VCC=80V
0.3
1.0-
s
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
VCESM
Collector-emitter voltage peak value
VBE = 0V
-
1100
V
VCEO
Collector-emitter voltage (open base)
-
500
V
VEBO
Emitter-base oltage (open colloctor)
5
V
IC
Collector current (DC)
-
12
A
IB
Base current (DC)
-
3
A
Ptot
Total power dissipation
Tmb
25
-150
W
Tstg
Storage temperature
-55
150
Tj
Junction temperature
-
150
SYMBOL
PARAMETER
CONDITIONS
TYP
MAX
UNIT
ICBO
Collector-base cut-off current
VCB=1000V
-
0.2
mA
IEBO
Emitter-base cut-off current
VEB=5V
-
0.2
mA
V(BR)CEO
Collector-emitter breakdown voltage
IC=1mA
500
V
VCEsat
Collector-emitter saturation voltages
IC = 4.5A; IB = 1A
-
3.0
V
hFE
DC current gain
IC = 1.0A; VCE = 5V
10
fT
Transition frequency at f = 5MHz
IC = 1.0A; VCE = 12V
15
-
MHz
Cc
Collector capacitance at f = 1MHz
VCB = 10V
280
-
pF
ton
On times
IC=4.5A,IB1=-IB2=0.8A,VCC=80V
us
ts
Tum-off storage time
IC=4.5A,IB1=-IB2=0.8A,VCC=80V
us
tf
Fall time
IC=4.5A,IB1=-IB2=0.8A,VCC=80V
0.3
1.0
us
ELECTRICAL CHARACTERISTICS
MT-100
Wing Shing Computer Components Co., (H.K.)Ltd.
Tel:(852)2341 9276
Fax:(852)2797 8153
Homepage: http://www.wingshing.com
E-mail:
wsccltd@hkstar.com
2SC3552
Silicon Epitaxial Planar Transistor


Similar Part No. - 2SC3552

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC3552 SANYO-2SC3552 Datasheet
95Kb / 3P
For Switching Regulators
logo
Inchange Semiconductor ...
2SC3552 ISC-2SC3552 Datasheet
111Kb / 2P
isc Silicon NPN Power Transistor
logo
New Jersey Semi-Conduct...
2SC3552 NJSEMI-2SC3552 Datasheet
73Kb / 1P
SI NPN POWER BJT, I(C) = 10A TO 19.9A
More results

Similar Description - 2SC3552

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
2SA1104 WINGS-2SA1104 Datasheet
79Kb / 1P
Silicon Epitaxial Planar Transistor(GENERAL DESCRIPTION)
2SC1047 WINGS-2SC1047 Datasheet
80Kb / 1P
Silicon Epitaxial Planar Transistor(GENERAL DESCRIPTION)
2SC1050 WINGS-2SC1050 Datasheet
188Kb / 1P
Silicon Epitaxial Planar Transistor(GENERAL DESCRIPTION)
2SC2922 WINGS-2SC2922 Datasheet
107Kb / 1P
Silicon Epitaxial Planar Transistor(GENERAL DESCRIPTION)
2SC3039 WINGS-2SC3039 Datasheet
61Kb / 1P
Silicon Epitaxial Planar Transistor(GENERAL DESCRIPTION)
2SD401 WINGS-2SD401 Datasheet
64Kb / 1P
SILICON EPITAXAL PLANAR TRANSISTOR(GENERAL DESCRIPTION)
2SD716 WINGS-2SD716 Datasheet
89Kb / 1P
SILICON EPITAXIAL PLANAR TRANSISTOR(GENERAL DESCRIPTION)
2SD717 WINGS-2SD717 Datasheet
88Kb / 1P
Silicon Epitaxial Planar Transistor(GENERAL DESCRIPTION)
2SD862 WINGS-2SD862 Datasheet
63Kb / 1P
Silicon Epitaxial Planar Transistor(GENERAL DESCRIPTION)
BU407 WINGS-BU407 Datasheet
64Kb / 1P
SILICON EPITAXIAL PLANNAR TRANSISTOR(GENERAL DESCRIPTION)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com