Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5196 Datasheet(PDF) 1 Page - Wing Shing Computer Components

Part # 2SC5196
Description  NPN PLANAR SILICON TRANSISTOR(AUDIO POWER AMPLIFIER DC TO DC CONVERTER)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINGS [Wing Shing Computer Components]
Direct Link  http://www.wingshing.com/en
Logo WINGS - Wing Shing Computer Components

2SC5196 Datasheet(HTML) 1 Page - Wing Shing Computer Components

  2SC5196 Datasheet HTML 1Page - Wing Shing Computer Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2SC5196
NPN
PLANAR SILICON TRANSISTOR
AUDIO POWER AMPLIFIER
DC TO DC CONVERTER
SC-65
!
High Current Capability
!
High Power Dissipation
!
Complementary to 2SA1939
ABSOLUTE MAXIMUM RATING (Ta=25°C
CC
C)
Characteristic
Symbol
Rating
Unit
Collector-Base Voltage
Collector-Emitter Voltage
Emitter-Base voltage
Collector Current (DC)
Collector Dissipation
Junction Temperature
Storage Temperature
VCBO
VCEO
VEBO
IC
PC
Tj
Tstg
120
80
6
6
60
150
-55~150
V
V
V
A
W
°C
°C
ELECTRICAL CHARACTERISTICS (Ta=25°C
CC
C)
Characterristic
Symbol
Test Condition
Min
Typ
Max
Unit
Collector Base Breakdown Voltage
Collector Emitter Breakdown Voltage
Emitter Base Breakdown Voltage
Collector Cutoff Current
Emitter Cutoff Current
*DC Current Gain
DC Current Gain
Collector- Emitter Saturation Voltage
BVCBO
BVCEO
BVEBO
ICBO
IEBO
hFE1
hFE2
VCE(sat)
IC=5 mA
IE=0
IC=10 mA
RBE=
∞
IE=5mA
IC=0
VCB=40V
IE=0
VEB=4V
IC=0
VCE=5V
IC=1A
VCE=5V
IC=2A
IC=3A
IB=0.3A
120
80
6
55
50
0.1
0.1
160
2.5
V
V
V
mA
mA
V
V
Wing Shing Computer Components Co., (H.K.)Ltd.
Tel:(852)2341 9276
Fax:(852)2797 8153
Homepage: http://www.wingshing.com
E-mail:
wsccltd@hkstar.com


Similar Part No. - 2SC5196

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC5196 TOSHIBA-2SC5196 Datasheet
147Kb / 2P
NPN TRIPLE DIFFUSED TYPE (POWER AMPLIFIER APPLICATIONS)
logo
Savantic, Inc.
2SC5196 SAVANTIC-2SC5196 Datasheet
162Kb / 4P
Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
2SC5196 ISC-2SC5196 Datasheet
253Kb / 2P
isc Silicon NPN Power Transistor
logo
Savantic, Inc.
2SC5196 SAVANTIC-2SC5196 Datasheet
163Kb / 4P
Silicon NPN Power Transistors
logo
Toshiba Semiconductor
2SC5196 TOSHIBA-2SC5196 Datasheet
1Mb / 73P
Bipolar Small-Signal Transistors
More results

Similar Description - 2SC5196

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
2N3771 WINGS-2N3771 Datasheet
47Kb / 1P
NPN PLANAR SILICON TRANSISTOR(AUDIO POWER AMPLIFIER DC TO DC CONVERTER)
2N5302 WINGS-2N5302 Datasheet
47Kb / 1P
NPN PLANAR SILICON TRANSISTOR(AUDIO POWER AMPLIFIER DC TO DC CONVERTER)
2SC3280 WINGS-2SC3280 Datasheet
25Kb / 1P
NPN PLANAR SILICON TRANSISTOR(AUDIO POWER AMPLIFIER DC TO DC CONVERTER)
2SC3281 WINGS-2SC3281 Datasheet
25Kb / 1P
NPN PLANAR SILICON TRANSISTOR(AUDIO POWER AMPLIFIER DC TO DC CONVERTER)
2SC3855 WINGS-2SC3855 Datasheet
25Kb / 1P
NPN PLANAR SILICON TRANSISTOR(AUDIO POWER AMPLIFIER DC TO DC CONVERTER)
2SC3907 WINGS-2SC3907 Datasheet
48Kb / 1P
NPN PLANAR SILICON TRANSISTOR(AUDIO POWER AMPLIFIER DC TO DC CONVERTER)
2SD1148 WINGS-2SD1148 Datasheet
48Kb / 1P
NPN PLANAR SILICON TRANSISTOR(AUDIO POWER AMPLIFIER DC TO DC CONVERTER)
MJ15003 WINGS-MJ15003 Datasheet
47Kb / 1P
NPN PLANAR SILICON TRANSISTOR(AUDIO POWER AMPLIFIER DC TO DC CONVERTER)
MJ802 WINGS-MJ802 Datasheet
55Kb / 1P
NPN PLANAR SILICON TRANSISTOR(AUDIO POWER AMPLIFIER DC TO DC CONVERTER)
TIP3055 WINGS-TIP3055 Datasheet
64Kb / 1P
NPN PLANAR SILICON TRANSISTOR(AUDIO POWER AMPLIFIER DC TO DC CONVERTER)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com