Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4083 Datasheet(PDF) 1 Page - Rohm

Part # 2SC4083
Description  High-Frequency Amplifier Transistor(11V, 50mA, 3.2GHz)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SC4083 Datasheet(HTML) 1 Page - Rohm

  2SC4083 Datasheet HTML 1Page - Rohm 2SC4083 Datasheet HTML 2Page - Rohm 2SC4083 Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1/2
www.rohm.com
○
c
2010 ROHM Co., Ltd. All rights reserved.
2010.01 - Rev.D
High-Frequency Amplifier Transistor(11V, 50mA, 3.2GHz)
2SC5662 / 2SC4726 /2SC4083 / 2SC3838K
Features
Dimensions (Unit : mm)
1) High transition frequency. (Typ. fT= 3.2GHz)
2) Small rbb’
Cc and high gain. (Typ. 4ps)
3) Small NF.
Packaging specifications and hFE
Package
hFE
Marking
Code
Basic ordering unit
(pieces)
Type
2SC4726
EMT3
NP
AD
TL
3000
2SC5662
2SC4083
UMT3
NP
1D
T106
3000
VMT3
NP
AD
T2L
8000
2SC3838K
SMT3
NP
AD
T146
3000
Absolute maximum ratings (Ta=25
C)
Parameter
Symbol
VCBO
VCEO
VEBO
IC
PC
Tj
Tstg
Limits
20
11
3
50
0.2
150
−55 to +150
Unit
V
V
V
mA
0.15
2SC4083, 2SC3838K
2SC5662, 2SC4726
W
°C
°C
Collector-base voltage
Collector-emitter voltage
Emitter-base voltage
Collector current
Collector power
dissipation
Junction temperature
Storage temperature
Absolute maximum ratings (Ta=25
C)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
BVCBO
BVCEO
BVEBO
ICBO
IEBO
hFE
fT
Cob
rbb'
⋅Cc
NF
20
11
3
−
−
1.4
−
−
−
−
−
−
3.2
0.8
−
−
−
0.5
0.5
−
1.5
V
V
V
μA
μA
−
GHz
pF
IC = 10
μA
IC
= 1mA
IE
= 10
μA
VCB
= 10V
VEB
= 2V
VCE(sat)
−−
0.5
V
IC/IB
= 10mA/5mA
VCE/IC
= 10V/5mA
VCE
= 10V , IE =
−10mA , f = 500MHz
2SC5662, 2SC4726,
2SC4083, 2SC3838K
VCB
= 10V , IE = 0A , f = 1MHz
VCB
= 10V , IC = 10mA , f = 31.8MHz
VCE
= 6V , IC = 2mA , f = 500MHz , Rg = 50
Ω
−
412
ps
−
3.5
−
dB
56
−
180
Collector-base breakdown voltage
Collector-emitter breakdown voltage
Emitter-base breakdown voltage
Collector cutoff current
Emitter cutoff current
DC current
transfer ratio
Transition frequency
Output capacitance
Collector-emitter saturation voltage
Collector-base time constant
Noise factor
This product might cause chip aging and breakdown under the large electrified environment.
Please consider to design ESD protection circuit.
0.2
0.15
0.9
0.7
0.3
(3)
0.65
(2)
2.0
1.3
(1)
0.65
(2)
(1)
0.4
(3)
2.9
1.9
0.95
0.95
0.8
0.15
1.1
(2) Base
(3) Collector
(1) Emitter
(3) Collector
(1) Emitter
(2) Base
(3) Collector
(1) Emitter
(2) Base
Each lead has same dimensions
Each lead has same dimensions
2SC4726
2SC4083
2SC3838K
ROHM : EMT3
EIAJ : SC-75A
ROHM : UMT3
EIAJ : SC-70
ROHM : SMT3
EIAJ : SC-59
2SC5662
ROHM : VMT3
(1) Base
(3) Collector
(2) Emitter
(3)
0.32
0.8
1.2
0.13
0.5
0.22
0.4 0.4
(2)
(1)
1.6
0.7
0.15
0.55
0.2
1.0
0.3
(2)
0.5
0.5
(3)
0.2
(1)


Similar Part No. - 2SC4083

ManufacturerPart #DatasheetDescription
logo
Rohm
2SC4083 ROHM-2SC4083 Datasheet
64Kb / 2P
High-Frequency Amplifier Transistor(11V, 50mA, 3.2GHz)
2SC4083 ROHM-2SC4083 Datasheet
74Kb / 3P
High-Frequency Amplifier Transistor (11V, 50mA, 3.2GHz)
logo
Weitron Technology
2SC4083 WEITRON-2SC4083 Datasheet
774Kb / 4P
NPN Silicon Transistor
logo
Foshan Blue Rocket Elec...
2SC4083 FOSHAN-2SC4083 Datasheet
580Kb / 5P
Silicon NPN transistor in a SOT-323 Plastic Package
logo
Rohm
2SC4083 ROHM-2SC4083 Datasheet
98Kb / 3P
High-Frequency Amplifier Transistor(11V, 50mA, 3.2GHz)
More results

Similar Description - 2SC4083

ManufacturerPart #DatasheetDescription
logo
Rohm
2SC5659 ROHM-2SC5659 Datasheet
80Kb / 4P
High-frequency Amplifier Transistor(25V, 50mA, 300MHz)
2SC5662 ROHM-2SC5662 Datasheet
64Kb / 2P
High-Frequency Amplifier Transistor(11V, 50mA, 3.2GHz)
logo
Cystech Electonics Corp...
BTC3838N3 CYSTEKEC-BTC3838N3 Datasheet
155Kb / 4P
High Frequency Amplifier Transistor (11V, 50mA, 3.2GHz)
logo
Rohm
2SC4726 ROHM-2SC4726_1 Datasheet
74Kb / 3P
High-Frequency Amplifier Transistor (11V, 50mA, 3.2GHz)
2SC4725 ROHM-2SC4725_09 Datasheet
193Kb / 4P
High-Frequency Amplifier Transistor (20V, 50mA, 1.5GHz)
2SC5659 ROHM-2SC5659_10 Datasheet
147Kb / 3P
High-frequency Amplifier Transistor (25V, 50mA, 300MHz)
2SC5661 ROHM-2SC5661_09 Datasheet
193Kb / 4P
High-Frequency Amplifier Transistor (20V, 50mA, 1.5GHz)
2SC3838KT146P ROHM-2SC3838KT146P Datasheet
98Kb / 3P
High-Frequency Amplifier Transistor(11V, 50mA, 3.2GHz)
2SC3837KT146P ROHM-2SC3837KT146P Datasheet
128Kb / 5P
High-Frequency Amplifier Transistor (20V, 50mA, 1.5GHz)
2SC4726TLP ROHM-2SC4726TLP Datasheet
98Kb / 3P
High-Frequency Amplifier Transistor(11V, 50mA, 3.2GHz)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com