Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5416LS Datasheet(PDF) 1 Page - Wing Shing Computer Components

Part # 2SC5416LS
Description  NPN SILICON TRANSISTOR(HIGH VOLTAGE POWER SWITCHING APPLICATIONS)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINGS [Wing Shing Computer Components]
Direct Link  http://www.wingshing.com/en
Logo WINGS - Wing Shing Computer Components

2SC5416LS Datasheet(HTML) 1 Page - Wing Shing Computer Components

  2SC5416LS Datasheet HTML 1Page - Wing Shing Computer Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2SC5416LS
NPN
SILICON TRANSISTOR
HIGH VOLTAGE POWER
SWITCHING APPLICATIONS
SC-67
ABSOLUTE MAXIMUM RATINGS(TA=25℃
℃)
Characteristic
Symbol
Rating
Unit
Collector-Emitter Voltage
Collector-Emitter Voltage
Emitter-Base Voltage
Collector Current (DC)
Collector Current (Pulse)
Base Current (DC)
Base Current (Pulse)
Collector Dissipation (TC=25℃)
))
)
Junction Temperature
Storage Temperature
VCBO
VCEO
VEBO
IC
IC
IB
IB
PC
Tj
Tstg
1000
450
9
4
8
2
4
100
150
-65~150
V
V
V
A
A
A
A
W
ELECTRICAL CHARACTERISTICS (TA=25℃
℃)
Characteristic
Symbol
Test Condition
Min
Typ
Max
Unit
Collector Emitter Sustaining Voltage
Collector Cutoff Current
Emitter Cutoff Current
DC Current Gain
Collector Emitter Saturation Voltage
Fall Time
VCEO(SUS)
ICES
IEBO
hFE
VCE(sat)
tf
IC=100mA,
IB=0
VCE=850V, VEB =0
VCE=1000V,VEB =0
VEB=9V,
IC=0
IC=0.1A, VCE =5V
IC=2.5A, IB=0.5A
450
30
1
1
10
50
1.5
0.15
V
mA
mA
µA
V
µS
Wing Shing Computer Components Co., (H.K.)Ltd.
Tel:(852)2341 9276
Fax:(852)2797 8153
Homepage: http://www.wingshing.com
E-mail:
wsccltd@hkstar.com


Similar Part No. - 2SC5416LS

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC5416 SANYO-2SC5416 Datasheet
46Kb / 4P
Inverter Lighting Applications
logo
Savantic, Inc.
2SC5416 SAVANTIC-2SC5416 Datasheet
239Kb / 4P
Silicon NPN Power Transistors
logo
Quanzhou Jinmei Electro...
2SC5416 JMNIC-2SC5416 Datasheet
183Kb / 4P
Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
2SC5416 ISC-2SC5416 Datasheet
156Kb / 4P
Silicon NPN Power Transistors
logo
Savantic, Inc.
2SC5416 SAVANTIC-2SC5416 Datasheet
241Kb / 4P
Silicon NPN Power Transistors
More results

Similar Description - 2SC5416LS

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
BUT11 WINGS-BUT11 Datasheet
22Kb / 1P
NPN SILICON TRANSISTOR(HIGH VOLTAGE POWER SWITCHING APPLICATIONS)
logo
Sanyo Semicon Device
CPH3248 SANYO-CPH3248 Datasheet
41Kb / 4P
NPN Epitaxial Planar Silicon Transistor High-Voltage Switching Applications
2SC6095 SANYO-2SC6095 Datasheet
43Kb / 4P
NPN Epitaxial Planar Silicon Transistor High-Voltage Switching Applications
2SC6096 SANYO-2SC6096 Datasheet
41Kb / 4P
NPN Epitaxial Planar Silicon Transistor High-Voltage Switching Applications
2SC6099 SANYO-2SC6099 Datasheet
44Kb / 4P
NPN Epitaxial Planar Silicon Transistor High-Voltage Switching Applications
SFT1201 SANYO-SFT1201 Datasheet
62Kb / 4P
NPN Epitaxial Planar Silicon Transistor High-Voltage Switching Applications
SFT1202 SANYO-SFT1202 Datasheet
62Kb / 4P
NPN Epitaxial Planar Silicon Transistor High-Voltage Switching Applications
PCP1202 SANYO-PCP1202 Datasheet
59Kb / 4P
NPN Epitaxial Planar Silicon Transistor High-Voltage Switching Applications
CPH3251 SANYO-CPH3251 Datasheet
56Kb / 4P
NPN Epitaxial Planar Silicon Transistor High-Voltage Switching Applications
CPH3252 SANYO-CPH3252 Datasheet
56Kb / 4P
NPN Epitaxial Planar Silicon Transistor High-Voltage Switching Applications
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com