Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4098 Datasheet(PDF) 2 Page - Rohm

Part # 2SC4098
Description  High-frequency Amplifier Transistor (25V, 50mA, 300MHz)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SC4098 Datasheet(HTML) 2 Page - Rohm

  2SC4098 Datasheet HTML 1Page - Rohm 2SC4098 Datasheet HTML 2Page - Rohm 2SC4098 Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2/2
www.rohm.com
○
c
2009 ROHM Co., Ltd. All rights reserved.
2009.12 - Rev.B
Data Sheet
2SC5659 / 2SC4618 / 2SC4098 / 2SC2413K / 2SC2058S
Electrical characteristics curves
COLLECTOR TO EMITTER VOLTAGE : VCE
(V)
Fig.1 Ground emitter output characteristics
2
4
6
8
10
2
4
6
8
10
0
IB
=0μA
8
16
24
32
40
48
56
64
72
80
Ta
=25°C
BASE TO EMITTER VOLTAGE : VBE
(V)
Fig.2 Ground emitter propagation characteristics
0
0.1
0.2
0.5
1
2
5
10
20
50
0.2
0.6
0.4
0.8
1.0 1.2 1.4
1.6
VCE
=6V
COLLECTOR CURRENT : IC
(mA)
Fig.3 DC current gain vs. collector current ( )
0.2
0.5 12
5
10
20
50 100
20
50
100
200
10
Ta
=25
°C
VCE
=5V
3
V
1
V
COLLECTOR CURRENT : IC
(mA)
Fig.4 DC current gain vs. collector current (
)
0.2
0.5 12
5 10
20
50 100
20
50
100
200
10
VCE
=5V
Ta=100
°C
25°C
−55°C
COLLECTOR CURRENT : IC
(mA)
Fig.5 Collector-emitter saturation voltage
vs. collector current ( )
0.2
0.5 12
5 10
20
50
0.02
0.05
0.1
0.2
0.01
IC/IB
=50
20
10
Ta
=25°C
Fig.6 Collector-emitter saturation voltage
vs. collector current (
)
COLLECTOR CURRENT : IC
(mA)
0.2
0.5 12
5 10
20
50 100
0.02
0.05
0.1
0.2
0.01
IC/IB
=10
Ta
=100°C
25
°C
−55°C
EMITTER CURRENT : IE
(mA)
Fig.7 Gain bandwidth product vs.emitter current
−1
−2
−5
−10
−20
−50
200
100
500
1000
Ta
=25°C
VCE
=6V
COLLECTOR TO BASE VOLTAGE : VCB
(V)
EMITTER TO BASE VOLTAGE
: VEB
(V)
Fig.8 Capacitance vs. voltage
0.1
0.5
1
2
5
10
20
1
2
5
Ta
=25°C
f
=1MHz
IC
=0A
Cob
C
ib
IE
=0A
Fig.9 Collector to base time constance
vs. emitter current
−0.1 −0.2
−0.5 −1
−2
−5
−10
10
20
50
100
Ta
=25°C
f
=31.8MHz
VCE
=6V
EMITTER CURRENT : IE
(mA)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com